Electronic Components Datasheet Search
  English  ▼

X  

IMC020FLSA Datasheet(PDF) 27 Page - Intel Corporation

Part # IMC020FLSA
Description  SERIES 2 FLASH MEMORY CARDS iMC002FLSA, iMC004FLSA, iMC010FLSA, iMC020FLSA
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IMC020FLSA Datasheet(HTML) 27 Page - Intel Corporation

Back Button IMC020FLSA Datasheet HTML 23Page - Intel Corporation IMC020FLSA Datasheet HTML 24Page - Intel Corporation IMC020FLSA Datasheet HTML 25Page - Intel Corporation IMC020FLSA Datasheet HTML 26Page - Intel Corporation IMC020FLSA Datasheet HTML 27Page - Intel Corporation IMC020FLSA Datasheet HTML 28Page - Intel Corporation IMC020FLSA Datasheet HTML 29Page - Intel Corporation IMC020FLSA Datasheet HTML 30Page - Intel Corporation IMC020FLSA Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
SERIES 2 FLASH MEMORY CARDS
OPERATING SPECIFICATlONS
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
b
40 Cto a85 C
Voltage on Any Pin with
Respect to Ground
b
20V to VCC a 20V(1)
VPP1 VPP2 Supply Voltage with
Respect to Ground
b
20V to a140V(1 2)
VCC Supply Voltage with
Respect to Ground
b
05V to a70V
NOTICE This data sheet contains preliminary infor-
mation on new products in production The specifica-
tions are subject to change without notice Verify with
your local Intel Sales office that you have the latest
data sheet before finalizing a design
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
NOTES
1 Minimum DC input voltage is b05V During transitions inputs may undershoot to b20V tor periods of less than 20 ns
Maximum DC voltage on output pins is VCC a 05V The voltage may overshoot to VCC a 20V for periods of less than 20
ns
2 Maximum DC input voltage on VPP1 VPP2 may overshoot to a140V for periods of less than 20 ns
COMMERCIAL TEMPERATURE OPERATING CONDITIONS
These operating conditions apply to commercial temperature devices
Symbol
Parameter
Min
Max
Unit
TA
Operating Temperature
0
70
C
VCC
VCC Supply Voltage (5%)
475
525
V
EXTENDED TEMPERATURE OPERATING CONDITIONS
These operating conditions apply to extended temperature devices
Symbol
Parameter
Min
Max
Unit
TA
Operating Temperature
b
40
85
C
VCC
VCC Supply Voltage (5%)
475
525
V
CHARACTERISTICS
All AC and DC characteristics apply to both commercial and extended temperature devices
COMMON DC CHARACTERISTICS CMOS and TTL
Symbol
Parameter
Notes
Min
Typ
Max
Unit
Test Condition
ILI
Input Leakage Current
1 3
g
1
g
20
m
AVCC e VCC Max
VIN e VCC or GND
ILO
Output Leakage Current
1
g
1
g
20
m
AVCC e VCC Max
VOUT e VCC or GND
VIL
Input Low Voltage
1
b
05
08
V
VIH
Input High Voltage (TTL)
1
24
VCC a 03
V
Input High Voltage (CMOS)
07 VCC
VCC a 03
VOL
Output Low Voltage
1
VSS
04
V
VCC e VCC Min
IOL e 32 mA
VOH
Output High Voltage
1
40
VCC
VVCC e VCC Min
IOH eb20 mA
VPPL
VPP during Read Only Operations
1 2
00
65
V
VPPH
VPP during ReadWrite Operations
1
114
126
V
VLKO
VCC EraseWrite Lock Voltage
1
20
V
NOTES
1 Values are the same for byte and word wide modes and for all card densities
2 Block ErasesData Writes are inhibited when VPP e VPPL and not guaranteed in the range between VPPH and VPPL
3 Exceptions With VIN e GND the leakage on CE1
CE2
REG
OE
WE
will be s 500 mA due to internal pullup
resistors and with VIN e VCC RST leakage will be s 500 mA due to internal pulldown resistor
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com