Electronic Components Datasheet Search
  English  ▼

X  

IMC020FLSA Datasheet(PDF) 39 Page - Intel Corporation

Part # IMC020FLSA
Description  SERIES 2 FLASH MEMORY CARDS iMC002FLSA, iMC004FLSA, iMC010FLSA, iMC020FLSA
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IMC020FLSA Datasheet(HTML) 39 Page - Intel Corporation

Back Button IMC020FLSA Datasheet HTML 31Page - Intel Corporation IMC020FLSA Datasheet HTML 32Page - Intel Corporation IMC020FLSA Datasheet HTML 33Page - Intel Corporation IMC020FLSA Datasheet HTML 34Page - Intel Corporation IMC020FLSA Datasheet HTML 35Page - Intel Corporation IMC020FLSA Datasheet HTML 36Page - Intel Corporation IMC020FLSA Datasheet HTML 37Page - Intel Corporation IMC020FLSA Datasheet HTML 38Page - Intel Corporation IMC020FLSA Datasheet HTML 39Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
SERIES 2 FLASH MEMORY CARDS
Table 5 Capacitance
TA e 25 C f e 10 MHz
Symbol
Characteristics
Commercial
Unit
Min
Max
CIN
AddressControl Capacitance (A0–A8 CE1
CE2 )30
pF
AddressControl Capacitance (A9–A24 all others)
20
pF
VCC VPP
2
m
F
COUT
Output Capacitance
20
pF
NOTE
Sampled not 100% tested
ORDERING INFORMATION
iMC020FLSA-15
WHERE
i
e
INTEL
MC
e
MEMORY CARD
020
e
DENSITY IN MEGABYTES
(002004010020 AVAILABLE)
FL
e
FLASH TECHNOLOGY
S
e
BLOCKED ARCHITECTURE
A
e
SERIES 2
-ET
e
EXTENDED TEMPERATURE
15
e
150 ns
M9508014SBXXXX
M
e
MANILA
95
e
1995
08
e
WEEK 08
014
e
LOT
SBXXXX
e
CUSTOMER IDENTIFIER
ADDITIONAL INFORMATION
ORDER NUMBER
28F008SA FlashFileTM Memory Data Sheet
290429
AP-361 ‘‘Implementing the Integrated Registers of the Series 2 Flash Memory Card’’
292096
AP-364 ‘‘28F008SA Automation and Algorithms’’
292099
AP-359 ‘‘28F008SA Hardware Interfacing’’
292094
AP-360 ‘‘28F008SA Software Drivers’’
292095
AP-606 ‘‘Interchangeability of Series 122a Flash Memory Cards’’
REVISION HISTORY
Number
Description
02
Added 150 ns TUPLE Deleted 250 ns TUPLE
Corrected Global Power Register Address to 4002H
Corrected Write Protection Register Address to 4104H
Corrected Ready-Busy Mode Register Address to 4140H
ICC Standby Byte Wide Mode MAXTYP Increased
Added Power-On Timing Spec
Added First Access after Reset Spec
Changed Advanced Information to Preliminary
03
Added 2 MByte card support
Changed write timing waveforms to match PCMCIA
Changed PowerDown (PWD) to Reset-PowerDown (RP)
04
Extended Operating Temperature Range
Added Maximum Byte Write Time
05
Added 150 ns Timings
Change Cover Drawing to Accommodate Label
06
Modified DC characteristics to reflect a conversion to new memory componentsthe 04m
version of the 28F008SA The new devices also have improved program and erase
performance
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com