Electronic Components Datasheet Search
  English  ▼

X  

M28F010 Datasheet(PDF) 17 Page - Intel Corporation

Part # M28F010
Description  1024K (128K x 8) CMOS FLASH MEMORY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M28F010 Datasheet(HTML) 17 Page - Intel Corporation

Back Button M28F010 Datasheet HTML 13Page - Intel Corporation M28F010 Datasheet HTML 14Page - Intel Corporation M28F010 Datasheet HTML 15Page - Intel Corporation M28F010 Datasheet HTML 16Page - Intel Corporation M28F010 Datasheet HTML 17Page - Intel Corporation M28F010 Datasheet HTML 18Page - Intel Corporation M28F010 Datasheet HTML 19Page - Intel Corporation M28F010 Datasheet HTML 20Page - Intel Corporation M28F010 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
M28F010
AC CHARACTERISTICSWriteEraseProgram Operations(12)
Versions
M28F010-90 M28F010-12 M28F010-15 M28F010-20 M28F010-25
Unit
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tAVAV tWC
Write Cycle Time
90
120
150
200
250
ns
tAVWL tAS
Address Set-Up
0
0
0
0
0
ns
Time
tWLAX tAH
Address Hold Time
60
60
60
90
ns
tDVWH tDS
Data Set-up Time
50
50
50
50
50
ns
tWHDX tDH
Data Hold Time
10
10
10
10
10
ns
tWHGL
Write Recovery
6
6
6
6
6
m
s
Time before Read
tGHWL
Read Recovery
0
0
0
0
0
m
s
Time before Write
tELWL tCS
Chip Enable
20
20
20
20
20
ns
Set-Up Time
before Write
tWHEH tCH
Chip Enable
0
0
0
0
0
ns
Hold Time
tWLWH tWP Write Pulse Width
80
80
80
80
80
ns
tELEH
Alternative Write
80
80
80
80
80
ns
Pulse Width
tWHWL tWPH Write Pulse
20
20
20
20
20
ns
Width High
tWHWH1
Duration of
10
25
10
25
10
25
10
25
10
25
m
s
Programming
Operation
tWHWH2
Duration of
95
105
95
105
95
105
95
105
95
105
ms
Erase Operation
tVPEL
VPP Set-Up
100
100
100
100
100
ns
Time to Chip
Enable Low
NOTES
1 Read timing characteristics during readwrite operations are the same as during read-only operations Refer to AC Char-
acteristics for Read-Only Operations
2 Chip-Enable Controlled Writes Write operations are driven by the valid combination of Chip-Enable and Write-Enable In
systems where Chip-Enable defines the write pulse width (within a longer Write-Enable timing waveform) all set-up hold and
inactive Write-Enable times should be measured relative to the Chip-Enable waveform
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com