Electronic Components Datasheet Search
  English  ▼

X  

M28F010 Datasheet(PDF) 2 Page - Intel Corporation

Part # M28F010
Description  1024K (128K x 8) CMOS FLASH MEMORY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M28F010 Datasheet(HTML) 2 Page - Intel Corporation

  M28F010 Datasheet HTML 1Page - Intel Corporation M28F010 Datasheet HTML 2Page - Intel Corporation M28F010 Datasheet HTML 3Page - Intel Corporation M28F010 Datasheet HTML 4Page - Intel Corporation M28F010 Datasheet HTML 5Page - Intel Corporation M28F010 Datasheet HTML 6Page - Intel Corporation M28F010 Datasheet HTML 7Page - Intel Corporation M28F010 Datasheet HTML 8Page - Intel Corporation M28F010 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
M28F010
271111 – 2
271111 – 16
271111 – 3
Figure 2 M28F010 Pin Configurations
Table 1 Pin Description
Symbol
Type
Name and Function
A0–A16
INPUT
ADDRESS INPUTS
for memory addresses Addresses are internally
latched during a write cycle
DQ0–DQ7
INPUTOUTPUT
DATA INPUTOUTPUT
Inputs data during memory write cycles
outputs data during memory read cycles The data pins are active high
and float to tri-state OFF when the chip is deselected or the outputs
are disabled Data is internally latched during a write cycle
CE
INPUT
CHIP ENABLE
Activates the device’s control logic input buffers
decoders and sense amplifiers CE is active low CE high deselects the
memory device and reduces power consumption to standby levels
OE
INPUT
OUTPUT ENABLE
Gates the devices output through the data buffers
during a read cycle OE is active low
WE
INPUT
WRITE ENABLE
Controls writes to the control register and the array
Write enable is active low Addresses are latched on the falling edge
and data is latched on the rising edge of the WE pulse
Note
With VPP s VCC a 2V memory contents cannot be altered
VPP
ERASEPROGRAM POWER SUPPLY
for writing the command
register erasing the entire array or programming bytes in the array
VCC
DEVICE POWER SUPPLY
(5V g10%)
VSS
GROUND
NC
NO INTERNAL CONNECTION
to device Pin may be driven or left
floating
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com