Electronic Components Datasheet Search
  English  ▼

X  

M80C287 Datasheet(PDF) 13 Page - Intel Corporation

Part # M80C287
Description  80-BIT CHMOS III NUMERIC PROCESSOR EXTENSION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C287 Datasheet(HTML) 13 Page - Intel Corporation

Back Button M80C287 Datasheet HTML 9Page - Intel Corporation M80C287 Datasheet HTML 10Page - Intel Corporation M80C287 Datasheet HTML 11Page - Intel Corporation M80C287 Datasheet HTML 12Page - Intel Corporation M80C287 Datasheet HTML 13Page - Intel Corporation M80C287 Datasheet HTML 14Page - Intel Corporation M80C287 Datasheet HTML 15Page - Intel Corporation M80C287 Datasheet HTML 16Page - Intel Corporation M80C287 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
M80C287
Table 9 CERDIP Pin Cross-Reference
Pin
CERDIP
Name
Package
CLK
32
CKM
39
RESET
35
PEREQ
24
PEACK
36
BUSY
25
ERROR
26
D0
23
D1
22
D2
21
D3
20
D4
19
D5
18
D6
17
D7
16
D8
15
D9
14
D10
12
D11
11
D12
8
D13
7
D14
6
D15
5
NPRD
27
NPWR
28
NPS1
34
NPS2
33
CMD0
29
CMD1
31
VCC
39133740
VSS
14103038
No Connect
2
CLOCK (CLK)
This input provides the basic timing for internal oper-
ation This pin does not require MOS-level input it
will operate at either TTL or MOS levels up to the
maximum allowed frequency A minimum frequency
must be provided to keep the internal logic properly
functioning Depending on the signal on CKM the
signal on CLK can be divided by two to produce the
internal clock signal
CLOCKING MODE (CKM)
This pin is a strapping option When it is strapped to
VCC (HIGH) the CLK input is used directly when
strapped to VSS (LOW) the CLK input is divided by
two to produce the internal clock signal During the
RESET sequence this input must be stable at least
four internal clock cycles (ie CLK clocks when CKM
is HIGH 2 c CLK clocks when CKM is LOW) before
RESET goes LOW
SYSTEM RESET (RESET)
A LOW to HIGH transition on this pin causes the
M80C287 to terminate its present activity and to en-
ter a dormant state RESET must remain active
(HIGH) for at least four CLK periods (ie the RESET
signal presented to the M80C287 must be at least
four M80C287 clocks long regardless of the fre-
quency of the CPU) Note that the M80C287 is ac-
tive internally for 25 clock cycles after the termina-
tion of the RESET signal (the HIGH to LOW tran-
sition of RESET)
therefore
the first instruction
should not be written to the M80C287 until 25 clocks
after the falling edge of RESET Table 10 shows the
status of the output pins during the reset sequence
After a reset all output pins return to their inactive
states
Table 10 Output Pin Status during Reset
Output Pin Name
Value During Reset
BUSY
HIGH
ERROR
HIGH
PEREQ
LOW
D15–D0
Tristate OFF
PROCESSOR EXTENSION REQUEST (PEREQ)
When active this pin signals to the CPU that the
M80C287 is ready for data transfer tofrom its data
FIFO With M80286 or M80C286 CPUs PEREQ can
be deactivated after assertion of PEACK These
CPUs rely on the NPX to deassert PEREQ when all
operands have been transfered When there are
more than five data transfers PEREQ is deactiviated
after the first three transfers and subsequently after
every four transfers This signal always goes inactive
before BUSY goes inactive
BUSY STATUS (BUSY)
When active this pin signals to the CPU that the
M80C287 is currently executing an instruction It
should be connected to the CPU’s BUSY pin During
the RESET sequence this pin is HIGH
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com