Electronic Components Datasheet Search
  English  ▼

X  

M80C287 Datasheet(PDF) 16 Page - Intel Corporation

Part # M80C287
Description  80-BIT CHMOS III NUMERIC PROCESSOR EXTENSION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C287 Datasheet(HTML) 16 Page - Intel Corporation

Back Button M80C287 Datasheet HTML 12Page - Intel Corporation M80C287 Datasheet HTML 13Page - Intel Corporation M80C287 Datasheet HTML 14Page - Intel Corporation M80C287 Datasheet HTML 15Page - Intel Corporation M80C287 Datasheet HTML 16Page - Intel Corporation M80C287 Datasheet HTML 17Page - Intel Corporation M80C287 Datasheet HTML 18Page - Intel Corporation M80C287 Datasheet HTML 19Page - Intel Corporation M80C287 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
M80C287
In M8086M8087 systems WAIT instructions may
be required to achieve synchronization of both com-
mands and operands In M80C287 systems howev-
er WAIT instructions are required only for operand
synchronization namely after NPX stores to memo-
ry (except FSTSW and FSTCW) or load from memo-
ry (In M80C286M80C287 systems WAIT is re-
quired before FLDENV and FRSTOR with other
CPU’s WAIT is not required in these cases) Used
this way WAIT ensures that the value has already
been written or read by the NPX before the CPU
reads or changes the value
Once it has started to execute a numerics instruction
and has transferred the operands from the CPU the
M80C287 can process the instruction in parallel with
and independent of the host CPU When the NPX
detects an exception it asserts the ERROR signal
which causes a CPU interrupt
Bus Operation
With respect to bus interface the M80C287 is fully
asynchronous with the CPU even when it operates
from the same clock source as the CPU The CPU
initiates a bus cycle for the NPX by activating both
NPS1 and NPS2 the NPX select signals During the
CLK period in which NPS1 and NPS2 are activated
the M80C287 also examines the NPRD and NPWR
input signals to determine whether the cycle is a
read or a write cycle and examines the CMD0 and
CMD1 inputs to determine whether an opcode oper-
and or controlstatus register transfer is to occur
The M80C287 activates its BUSY output some time
after the leading edge of the NPRD or NPWR signal
Input and output data are referenced to the trailing
edges of the NPRD and NPWR signals
The M80C287 activates the PEREQ signal when it is
ready for data transfer In M8028680C286 systems
the CPU activates PEACK when no more data trans-
fers are required which causes the M80C287 to de-
activate PEREQ halting the data transfer
M80287M80C287 Socket
Compatibility and CPU Interfacing
In general the M80C287 can fit in existing M80287
sockets provided that the necessary connections to
VCC and VSS are made and that the clock require-
ments are met The pinouts for the M80C287 are
identical to those of the M80287 except for the pins
marked by asterisk ( ) in Figure 8 The pins marked
by asterisk are status lines for monitoring ESCAPE
instructions and bus cycles These lines are not crit-
ical for proper operation of an M80287 Note that
when the clock is fed in directly (CKM e 1) the
M80C287 requires a 50% duty cycle clock signal
whereas the M80287 requires a 33% duty cycle
Also note that with CKM e 0 the M80C287 divides
the clock input by two not by three as on the
M80287
The interface between the M80C287 and the
M80286M80C286 CPU (illustrated in Figure 9) has
these characteristics
 The M80C287 resides on the local data bus of
the CPU
 The CPU and M80C287 share the same RESET
signals They may also share the same clock in-
put however for greatest performance an exter-
nal oscillator may be needed
 The corresponding BUSY ERROR PEREQ and
PEACK pins are connected together
 NPS2 is tied HIGH permanently while NPS1
CMD1 and CMD0 come from the latched ad-
dress pins The M80286 generates IO address-
es 00F8H 00FAH and 00FCH during NPX bus
cycles Address 00FEH is reserved
 The M80C287 NPRD and NPWR inputs are con-
nected to IO read and write signals from local
bus control logic
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com