Electronic Components Datasheet Search
  English  ▼

X  

M82380 Datasheet(PDF) 13 Page - Intel Corporation

Part # M82380
Description  HIGH PERFORMANCE 32-BIT DMA CONTROLLER WITH INTEGRATED SYSTEM SUPPORT PERIPHERALS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M82380 Datasheet(HTML) 13 Page - Intel Corporation

Back Button M82380 Datasheet HTML 9Page - Intel Corporation M82380 Datasheet HTML 10Page - Intel Corporation M82380 Datasheet HTML 11Page - Intel Corporation M82380 Datasheet HTML 12Page - Intel Corporation M82380 Datasheet HTML 13Page - Intel Corporation M82380 Datasheet HTML 14Page - Intel Corporation M82380 Datasheet HTML 15Page - Intel Corporation M82380 Datasheet HTML 16Page - Intel Corporation M82380 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 134 page
background image
M82380
21 Master and Slave Modes
At any time the M82380 acts as either a Slave de-
vice or a Master device in the system Upon reset
the M82380 will be in the Slave Mode In this mode
the i386 processor can readwrite into the M82380
internal registers Initialization information may be
programmed into the M82380 during Slave Mode
When DMA service (including DRAM Refresh Cycles
generated by the M82380) is requested the M82380
will request and subsequently get control of the i386
processor local bus This is done through the HOLD
and HLDA (Hold Acknowledge) signals When the
i386 processor responds by asserting the HLDA sig-
nal the M82380 will switch into Master Mode and
perform DMA transfers In this mode the M82380 is
the bus master of the system It can readwrite data
fromto
memory
and
peripheral
devices
The
M82380 will return to the Slave Mode upon comple-
tion of DMA transfers or when HLDA is negated
22 M80386 INTERFACE SIGNALS
As mentioned in the Architecture section the Bus
Interface module of the M82380 (see Figure 1) con-
tains signals that are directly connected to the i386
host processor This module has separate 32-bit
Data and Address busses Also it has additional
control signals to support different bus operations
on the system By residing on the i386 processor
local bus the M82380 shares the same address
data and control lines with the processor The fol-
lowing subsections discuss the signals which inter-
face to the i386 host processor
221 CLOCK (CLK2)
The CLK2 input provides fundamental timing for the
M82380 It is divided by two internally to generate
the M82380 internal clock Therefore CLK2 should
be driven with twice the i386’s frequency In order to
maintain synchronization with the i386 host proces-
sor the M82380 and the i386 processor should
share a common clock source
The internal clock consists of two phases PHI1 and
PHI2 Each CLK2 period is a phase of the internal
clock PHI2 is usually used to sample input and set
up internal signals and PHI1 is for latching internal
data Figure 7 illustrates the relationship of CLK2
and the M82380 internal clock signals The CPURST
signal generated by the M82380 guarantees that the
i386 processor will wake up in phase with PHI1
222 DATA BUS (D0 – D31)
This 32-bit three-state bidirectional bus provides a
general purpose data path between the M82380 and
the system These pins are tied directly to the corre-
sponding Data Bus pins of the i386 processor local
bus The Data Bus is also used for interrupt vectors
generated by the M82380 in the Interrupt Acknowl-
edge cycle
During Slave IO operations the M82380 expects a
single byte to be written or read When the i386 host
processor writes into the M82380 either D0 – D7 or
D8 – D15 will be latched into the M82380 depending
upon how the Byte Enable (BE0 – BE3) signals are
driven The M82380 does not need to look at D16 –
D31
since
the
i386
processor
duplicates
271070 – 8
Figure 7 CLK2 and M82380 Internal Clock
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com