Electronic Components Datasheet Search
  English  ▼

X  

M82380 Datasheet(PDF) 21 Page - Intel Corporation

Part # M82380
Description  HIGH PERFORMANCE 32-BIT DMA CONTROLLER WITH INTEGRATED SYSTEM SUPPORT PERIPHERALS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M82380 Datasheet(HTML) 21 Page - Intel Corporation

Back Button M82380 Datasheet HTML 17Page - Intel Corporation M82380 Datasheet HTML 18Page - Intel Corporation M82380 Datasheet HTML 19Page - Intel Corporation M82380 Datasheet HTML 20Page - Intel Corporation M82380 Datasheet HTML 21Page - Intel Corporation M82380 Datasheet HTML 22Page - Intel Corporation M82380 Datasheet HTML 23Page - Intel Corporation M82380 Datasheet HTML 24Page - Intel Corporation M82380 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 134 page
background image
M82380
30 DMA CONTROLLER
The M82380 DMA Controller is capable of transfer-
ring data between any combination of memory and
or IO with any combination (8- 16- or 32-bits) of
data path widths
Bus bandwidth is optimized
through the use of an internal temporary register
which can disassemble or assemble data to or from
either an aligned or a non-aligned destination or
source Figure 14 is a block diagram of the M82380
DMA Controller
The M82380 has eight channels of DMA Each
channel operates independently of the others With-
in the operation of the individual channels there are
many different modes of data transfer available
Many of the operating modes can be intermixed to
provide a very versatile DMA controller
271070 – 15
Figure 14 M82380 DMA Controller Block Diagram
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com