Electronic Components Datasheet Search
  English  ▼

X  

X930A Datasheet(PDF) 20 Page - Intel Corporation

Part # X930A
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

X930A Datasheet(HTML) 20 Page - Intel Corporation

Back Button X930A Datasheet HTML 16Page - Intel Corporation X930A Datasheet HTML 17Page - Intel Corporation X930A Datasheet HTML 18Page - Intel Corporation X930A Datasheet HTML 19Page - Intel Corporation X930A Datasheet HTML 20Page - Intel Corporation X930A Datasheet HTML 21Page - Intel Corporation X930A Datasheet HTML 22Page - Intel Corporation X930A Datasheet HTML 23Page - Intel Corporation X930A Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
16
ADVANCE INFORMATION
8x930Ax UNIVERSAL SERIAL BUS (USB) MICROCONTROLLER
5.4
AC Characteristics
Test Conditions: Capacitive load on all pins = 50 pF, Rise and Fall times = 10 ns, F
OSC = 6 MHz or 12 MHz
5.4.1
SYSTEM BUS AC CHARACTERISTICS
Table 11. AC Characteristics at Operating Conditions
Symbol
Parameter
CPU Frequency
@ 12 MHz
(M, N = 0)
CPU Frequency (F
CLK) Variable
Units
Min
Max
T
CLK
1/(CPU Frequency)
83.33
(Typical)
ns
(1, 2)
T
LHLL
ALE Pulse Width
34.66
(0.5+M)T
CLK – 7
ns (3)
T
AVLL
Address Valid to ALE Low
26.66
(0.5+M)T
CLK –
17
ns (3)
T
LLAX
Address Hold after ALE Low
4
4
ns (4)
T
RLRH (5)
RD# or PSEN# Pulse Width
73.33
(1+N)T
CLK – 10
ns (6)
T
WLWH
WR# Pulse Width
71.33
(1+N)T
CLK – 12
ns (6)
T
LLRL (5)
ALE Low to RD# or PSEN# Low
8
8
ns
T
LHAX
ALE High to Address Hold
40.33
(1+M)T
CLK – 43
ns (3)
T
RLDV (5)
RD# or PSEN# Low to Valid
Data/Instruction In
50.33
(1+N)T
CLK – 33
ns (6)
T
RHDX (5)
Data/Instruct. Hold After RD# or
PSEN# High
00
ns
T
RLAZ (5)
RD# or PSEN# Low to Address
Float
00
ns
T
RHDZ
1 (5)
Instruct. Float After PSEN# High
10
10
ns
T
RHDZ
2 (5)
Data Float After RD# or PSEN#
High
83.33
T
CLK
ns
T
RHLH
1 (5)
PSEN# High to ALE High
(Instruction)
10
10
ns
T
RHLH
2 (5)
RD# or PSEN# High to ALE
High (Data)
83.33
T
CLK
ns
T
WHLH
WR# High to ALE High
88.33
T
CLK + 5
ns
T
AVDV
1
Address (P0) Valid to Valid
Data/Instruction In
106.66
(2+M+N)T
CLK –
63
ns
(3, 6)
NOTES:
1.
Refer to Table 8 on page 12 for CPU frequencies vs. XTAL1 frequencies.
2.
XTAL1 frequency is
± 0.25% for full speed and ± 1.5% for low speed.
3.
M= 0,1 is the extended ALE state.
4.
At 50° C, T
LLAX = 8 ns
5.
Specifications for PSEN# are identical to those for RD#.
6.
N= 0,1,2,3 is the RD#/PSEN#/WR# wait state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com