Electronic Components Datasheet Search
  English  ▼

X  

X930A Datasheet(PDF) 26 Page - Intel Corporation

Part # X930A
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

X930A Datasheet(HTML) 26 Page - Intel Corporation

Back Button X930A Datasheet HTML 22Page - Intel Corporation X930A Datasheet HTML 23Page - Intel Corporation X930A Datasheet HTML 24Page - Intel Corporation X930A Datasheet HTML 25Page - Intel Corporation X930A Datasheet HTML 26Page - Intel Corporation X930A Datasheet HTML 27Page - Intel Corporation X930A Datasheet HTML 28Page - Intel Corporation X930A Datasheet HTML 29Page - Intel Corporation X930A Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
22
ADVANCE INFORMATION
8x930Ax UNIVERSAL SERIAL BUS (USB) MICROCONTROLLER
5.4.4
DEFINITION OF REAL-TIME WAIT SYMBOLS
5.4.5
REAL-TIME WAIT FUNCTION AC CHARACTERISTICS
Table 12. Real-time Wait Timing Symbol Definitions
Signals
Conditions
A
Address
L
Low
D
Data
X
Hold
C
WCLK
V
Setup
YWAIT#
WWR#
R
RD#/PSEN#
Table 13. Real-time Wait AC Timing Specifications
Symbol
Parameter
F
CLK Variable
(1) (2)
Units
Min
Typ
Max
T
CLYV
Wait Clock Low to Wait Setup
0
0.5 T
CLK – 13
ns
T
CLYX
Wait Hold after Wait Clock Low
(W)T
CLK + 5
(0.5+W)T
CLK – 13
ns
T
RLYV
PSEN# or RD# Low to Wait Setup
0
0.5 T
CLK – 13
ns
T
RLYX
Wait Hold after PSEN# or RD# Low
(W)T
CLK + 5
(0.5+W)T
CLK – 13
ns
T
WLYV
WR# Low to Wait Setup
0
0.5 T
CLK – 13
ns
T
WLYX
Wait Hold after WR# Low
(W)T
CLK + 5
(0.5+W)T
CLK – 13
ns
NOTES:
1.
W = 0, 1, 2, ... is the number of real-time wait states.
2.
Real-time Wait function has a critical timing for instruction read. It is not advisable to use this feature
for instruction read during page mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com