Electronic Components Datasheet Search
  English  ▼

X  

P82C42PC Datasheet(PDF) 10 Page - Intel Corporation

Part # P82C42PC
Description  UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P82C42PC Datasheet(HTML) 10 Page - Intel Corporation

Back Button P82C42PC Datasheet HTML 6Page - Intel Corporation P82C42PC Datasheet HTML 7Page - Intel Corporation P82C42PC Datasheet HTML 8Page - Intel Corporation P82C42PC Datasheet HTML 9Page - Intel Corporation P82C42PC Datasheet HTML 10Page - Intel Corporation P82C42PC Datasheet HTML 11Page - Intel Corporation P82C42PC Datasheet HTML 12Page - Intel Corporation P82C42PC Datasheet HTML 13Page - Intel Corporation P82C42PC Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
UPI-C42UPI-L42
290414 – 14
Figure 6 Quick-Pulse Programming Algorithm
Quick-Pulse Programming Algorithm
As previously stated
the UPI-C42 will be pro-
grammed using the Quick-Pulse Programming Algo-
rithm developed by Intel to substantially reduce the
thorughput time in production programming
The Quick-Pulse Programming Algorithm uses initial
pulses of 100 ms followed by a byte verification to
determine when the address byte has been suc-
cessfully programmed Up to 25 100 ms pulses per
byte are provided before a failure is recognized A
flow chart of the Quick-Pulse Programming Algo-
rithm is shown in Figure 6
The entire sequence of program pulses and byte
verifications is performed at VCC e 625V and
VDD e 1275V When programming has been com-
pleted all bytes should be compared to the original
data with VCC e VDD e 5V
A verify should be performed on the programmed
bits to ensure that they have been correctly pro-
grammed The verify is performed with T0 e 5V
VDD e 5V EA e 1275V SS
e
5V PROG e 5V
A0 e 0V and CS
e
5V
In addition to the Quick-Pulse Programming Algo-
rithm the UPI-C42 OPT is also compatible with In-
tel’s Inteligent Programming Algorithm which is used
to program the NMOS UPI-42AH OTP devices
The entire sequence of program pulses and byte
verifications is performed at VCC e 625V and
VDD e 1275V When the inteligent Programming
cycle has been completed all bytes should be com-
pared to the original data with VCC e 50 VDD e
5V
Verify
A verify should be performed on the programmed
bits to determine that they have been correctly pro-
grammed The verify is performed with T0 e 5V
VDD e 5V EA e 1275V SS e 5V PROG e 5V
A0 e 0V and CS e 5V
SECURITY BIT
The security bit is a single EPROM cell outside the
EPROM array The user can program this bit with the
appropriate access code and the normal program-
ming procedure to inhibit any external access to the
EPROM contents Thus the user’s resident program
is protected There is no direct external access to
this bit However the security byte in the signature
row has the same address and can be used to
check indirectly whether the security bit has been
programmed or not The security bit has no effect on
the signature mode so the security byte can always
be examined
SECURITY BIT PROGRAMMING
VERIFICATION
Programming
a Read the security byte of the signature mode
Make sure it is 00H
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com