Electronic Components Datasheet Search
  English  ▼

X  

P82C42PC Datasheet(PDF) 16 Page - Intel Corporation

Part # P82C42PC
Description  UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P82C42PC Datasheet(HTML) 16 Page - Intel Corporation

Back Button P82C42PC Datasheet HTML 12Page - Intel Corporation P82C42PC Datasheet HTML 13Page - Intel Corporation P82C42PC Datasheet HTML 14Page - Intel Corporation P82C42PC Datasheet HTML 15Page - Intel Corporation P82C42PC Datasheet HTML 16Page - Intel Corporation P82C42PC Datasheet HTML 17Page - Intel Corporation P82C42PC Datasheet HTML 18Page - Intel Corporation P82C42PC Datasheet HTML 19Page - Intel Corporation P82C42PC Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
UPI-C42UPI-L42
DC CHARACTERISTICS
TA e 0 Cto a70 C VCC e VDD ea5V g10% a33V g10% UPI-L42 (Continued)
Symbol
Parameter
UPI-C42
UPI-L42
Units
Notes
Min
Max
Min
Max
ICC a IDD
Total Supply Current
Active Mode
125 MHz
30
20
mA
Typical 14 mA UPI-C42
9 mA UPI-L42
Suspend Mode
40
26
m
A
Osc Off(1 4)
IDD Standby
Power Down
5
35
mA
NMOS Compatible
Power Down Mode
Supply Current
IIH
Input Leakage Current
100
100
m
AVIN e VCC
(P10–P17 P20–P27)
CIN
Input Capacitance
10
10
pF
TA e 25 C (1)
CIO
IO Capacitance
20
20
pF
TA e 25 C (1)
NOTE
1 Sampled not 100% tested
DC CHARACTERISTICSPROGRAMMING (UPI-C42 AND UPI-L42)
TA e 25 C g5 C VCC e 625V g025V VDD e 1275V g025V
Symbol
Parameter
Min
Max
Units
VDDH
VDD Program Voltage High Level
125
13
V(1)
VDDL
VDD Voltage Low Level
475
525
V
VPH
PROG Program Voltage High Level
20
55
V
VPL
PROG Voltage Low Level
b
05
08
V
VEAH
Input High Voltage for EA
120
130
V(2)
VEAL
EA Voltage Low Level
b
05
525
V
IDD
VDD High Voltage Supply Current
500
mA
IEA
EA High Voltage Supply Current
10
mA(4)
NOTES
1 Voltages over 13V applied to pin VDD will permanently damage the device
2 VEAH must be applied to EA before VDDH and removed after VDDL
3 VCC must be applied simultaneously or before VDD and must be removed simultaneously or after VDD
4 Sampled not 100% tested
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com