Electronic Components Datasheet Search
  English  ▼

X  

CS82C82 Datasheet(PDF) 5 Page - Intersil Corporation

Part # CS82C82
Description  CMOS Octal Latching Bus Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C82 Datasheet(HTML) 5 Page - Intersil Corporation

  CS82C82 Datasheet HTML 1Page - Intersil Corporation CS82C82 Datasheet HTML 2Page - Intersil Corporation CS82C82 Datasheet HTML 3Page - Intersil Corporation CS82C82 Datasheet HTML 4Page - Intersil Corporation CS82C82 Datasheet HTML 5Page - Intersil Corporation CS82C82 Datasheet HTML 6Page - Intersil Corporation CS82C82 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4-278
Timing Waveforms
AC Electrical Specifications VCC = 5.0V ±10%;
TA = 0
oC to +70oC (C82C82);
CL = 300pF (Note 1), Freq = 1MHz TA = -40
oC to +85oC (I82C82);
TA = -55
oC to +125oC (M82C82)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
(1)
TIVOV
Propagation Delay Input to Output
-
35
ns
Notes 2, 3
(2)
TSHOV
Propagation Delay STB to Output
-
55
ns
Notes 2, 3
(3)
TEHOZ
Output Disable Time
-
35
ns
Notes 2, 3
(4)
TELOV
Output Enable Time
-
50
ns
Notes 2, 3
(5)
TIVSL
Input to STB Setup Time
0
-
ns
Notes 2, 3
(6)
TSLIX
Input to STB Hold Time
25
-
ns
Notes 2, 3
(7)
TSHSL
STB High Time
25
-
ns
Notes 2, 3
(8)
TR, TF
Input Rise/Fall Times
-
20
ns
Notes 2, 3
NOTES:
1. Output load capacitance is rated at 300pF for ceramic and plastic packages.
2. All AC parameters tested as per test circuits and definitions below. Input rise and fall times are driven at 1ns/V.
3. Input test signals must switch between VIL - 0.4V and VIH +0.4V.
TR, TF (8)
TIVSL (5)
TSLIX
(6)
2.0V
0.8V
VOH -0.1V
TELOV (4)
VOL +0.1V
2.4V
0.8V
TEHOZ (3)
TSHSL (7)
(1)
TIVOV
TSHOV (2)
INPUTS
STB
OUTPUTS
OE
Test Load Circuits
NOTE: Includes stray and jig capacitance.
OUTPUT
TEST
300pF
150
Ω
1.7V
POINT
(NOTE)
TIVOV, TSHOV, TELOV
OUTPUT
TEST
50pF
300
Ω
0.6V
POINT
(NOTE)
TEHOZ OUTPUT HIGH DISABLE
OUTPUT
TEST
50pF
300
Ω
3.3V
POINT
(NOTE)
TEHOZ OUTPUT LOW DISABLE
82C82



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com