Electronic Components Datasheet Search
  English  ▼

X  

CS82C82 Datasheet(PDF) 3 Page - Intersil Corporation

Part # CS82C82
Description  CMOS Octal Latching Bus Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C82 Datasheet(HTML) 3 Page - Intersil Corporation

  CS82C82 Datasheet HTML 1Page - Intersil Corporation CS82C82 Datasheet HTML 2Page - Intersil Corporation CS82C82 Datasheet HTML 3Page - Intersil Corporation CS82C82 Datasheet HTML 4Page - Intersil Corporation CS82C82 Datasheet HTML 5Page - Intersil Corporation CS82C82 Datasheet HTML 6Page - Intersil Corporation CS82C82 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4-276
Application Information
Decoupling Capacitors
The transient current required to charge and discharge the
300pF load capacitance specified in the 82C82 data sheet is
determined by:
Assuming that all outputs change state at the same time and
that dv/dt is constant;
where tR = 20ns, VCC = 5.0V, CL = 300pF on each of eight
outputs.
This current spike may cause a large negative voltage spike
on VCC, which could cause improper operation of the device.
To filter out this noise, it is recommended that a 0.1
µF
ceramic disc decoupling capacitor be placed between VCC
and GND at each device, with placement being as near to
the device as possible.
IC
L
=
(dv/dt)
(EQ. 1)
IC
L
=
(EQ. 2)
V
CC x 80%
()
tR/tF
-----------------------------------
(EQ. 3)
I = 8 x 300 x 10
-12
()x (5.0V x 0.8)/ 20 x 10
9
–
() = 480mA
(EQ. 4)
FIGURE 18. SYSTEM EFFECTS OF GATED INPUTS
ADDRESS
ADDRESS
ALE
MULTIPLEXED
ICC
BUS
P
P
N
N
STB
DATA IN
INTERNAL
DATA
VCC
P
N
VCC
82C82



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com