Electronic Components Datasheet Search
  English  ▼

X  

CS82C84A Datasheet(PDF) 8 Page - Intersil Corporation

Part # CS82C84A
Description  CMOS Clock Generator Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C84A Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CS82C84A Datasheet HTML 2Page - Intersil Corporation CS82C84A Datasheet HTML 3Page - Intersil Corporation CS82C84A Datasheet HTML 4Page - Intersil Corporation CS82C84A Datasheet HTML 5Page - Intersil Corporation CS82C84A Datasheet HTML 6Page - Intersil Corporation CS82C84A Datasheet HTML 7Page - Intersil Corporation CS82C84A Datasheet HTML 8Page - Intersil Corporation CS82C84A Datasheet HTML 9Page - Intersil Corporation CS82C84A Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4-294
AC Testing Input, Output Waveform
Test Load Circuits
NOTES:
1. CL =100pF for CLK output.
2. CL = 50pF for all outputs except CLK.
3. CL = Includes probe and jig capacitance.
FIGURE 5. TEST LOAD MEASUREMENT CONDITIONS
FIGURE 6. TCHCL, TCLCH LOAD CIRCUITS
FIGURE 7. TRYLCL, TRYHCH LOAD CIRCUITS
CL
OUTPUT FROM
DEVICE UNDER TEST
(SEE NOTE 3)
R = 740
Ω FOR ALL OUTPUTS
EXCEPT CLK
463
Ω FOR CLK OUTPUT
2.25V
C1
C2
X1
X2
CSYNC
CLK
LOAD
(SEE NOTE 1)
F/C
EF1
CSYNC
CLK
LOAD
(SEE NOTE 1)
F/C
VCC
PULSE
GENERATOR
C1
C2
X1
X2
CLK
LOAD
(SEE NOTE 1)
LOAD
(SEE NOTE 2)
CSYNC
F/C
AEN2
PULSE
GENERATOR
TRIGGER
VCC
24MHz
READY
OSC
AEN1
RDY2
EF1
CLK
LOAD
(SEE NOTE 1)
F/C
VCC
PULSE
GENERATOR
CSYNC
RDY2
AEN2
LOAD
(SEE NOTE 2)
AEN1
READY
TRIGGER
PULSE
GENERATOR
1.5V
1.5V
VOL
VIL - 0.4V
INPUT
VIH + 0.4V
OUTPUT
VOH
NOTE: Input test signals must switch between VIL (maximum) -0.4V and VIH (minimum) +0.4V. RES and F/C must switch between 0.4V and
VCC -0.4V. Input rise and fall times driven at 1ns/V. VIL ≤ VIL (max) -0.4V for CSYNC pin. VCC -4.5V and 5.5V.
82C84A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com