Electronic Components Datasheet Search
  English  ▼

X  

CS82C84A Datasheet(PDF) 10 Page - Intersil Corporation

Part # CS82C84A
Description  CMOS Clock Generator Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C84A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button CS82C84A Datasheet HTML 2Page - Intersil Corporation CS82C84A Datasheet HTML 3Page - Intersil Corporation CS82C84A Datasheet HTML 4Page - Intersil Corporation CS82C84A Datasheet HTML 5Page - Intersil Corporation CS82C84A Datasheet HTML 6Page - Intersil Corporation CS82C84A Datasheet HTML 7Page - Intersil Corporation CS82C84A Datasheet HTML 8Page - Intersil Corporation CS82C84A Datasheet HTML 9Page - Intersil Corporation CS82C84A Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
4-296
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
Die Characteristics
DIE DIMENSIONS:
66.1 x 70.5 x 19
± 1mils
METALLIZATION:
Type: Si - AI
Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å
± 1kÅ
WORST CASE CURRENT DENSITY:
1.42 x 105 A/cm2
Metallization Mask Layout
82C84A
AEN1
PCLK
CSYNC
VCC
X1
RDY1
READY
RDY2
AEN2
CLK
GND
RESET
RES
OSC
X2
ASYNC
EFI
F/C
82C84A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com