Electronic Components Datasheet Search
  English  ▼

X  

CS82C237-12 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CS82C237-12
Description  CMOS High Performance Programmable DMA Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C237-12 Datasheet(HTML) 1 Page - Intersil Corporation

  CS82C237-12 Datasheet HTML 1Page - Intersil Corporation CS82C237-12 Datasheet HTML 2Page - Intersil Corporation CS82C237-12 Datasheet HTML 3Page - Intersil Corporation CS82C237-12 Datasheet HTML 4Page - Intersil Corporation CS82C237-12 Datasheet HTML 5Page - Intersil Corporation CS82C237-12 Datasheet HTML 6Page - Intersil Corporation CS82C237-12 Datasheet HTML 7Page - Intersil Corporation CS82C237-12 Datasheet HTML 8Page - Intersil Corporation CS82C237-12 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
4-148
March 1997
82C237
CMOS High Performance
Programmable DMA Controller
Features
• Fully Compatible with Intersil 82C37A
- 82C237 May be Used in 8MHz and 12.5MHz 82C37A
Sockets
• Optimized for 10MHz and 12.5MHz 80C286 Systems
• Special Mode Permits 16-Bit, Zero Wait State DMA
Transfers
• High Speed Data Transfers:
- Up to 6.25MBytes/sec with 12.5MHz Clock in
Normal Mode
- Up to 12.5MBytes/sec with 12.5MHz Clock in 16-Bit
Mode
• Compatible with the NMOS 8237A
• Four Independent Maskable Channels with Autoinitial-
ization Capability
• Cascadable to any Number of Channels
• Memory-to-Memory Transfers
• Static CMOS Design Permits Low Power Operation
- ICCSB = 10
µA Maximum
- ICCOP = 2mA/MHz Maximum
• Fully TTL/CMOS Compatible
• Internal Registers may be Read from Software
Description
The 82C237 is a modified version of the 82C37A. The
82C237 is fully software and pin for pin compatible with the
82C37A but provides an additional mode for 16-bit DMA
transfers, as well as enhanced speed. Each channel may be
individually programmed for 8-bit or 16-bit data transfers.
The 82C237 controller can improve system performance by
allowing external devices to transfer data directly to or from
system memory. Memory-to-memory transfer capability is
also provided, along with a memory block initialization fea-
ture. DMA requests may be generated by either hardware or
software, and each channel is independently programmable
with a variety of features for flexible operation.
The 82C237 is designed to be used with an external address
latch, such as the 82C82, to demultiplex the most significant
8 bits of address. An additional latch is required to
temporarily store the most significant 8 bits of data if 16-bit
memory-to-memory transfers are desired. The 82C237 can
be used with industry standard microprocessors such as
80C286, 80286, 80C86, 80C88, 8086, 8088, 8085, Z80,
NSC800, 80186 and others. Multimode programmability
allows the user to select from three basic types of DMA
services, and reconfiguration under program control is
possible even with the clock to the controller stopped. Each
channel has a full 64K address and word count range, and
may be programmed to autoinitialize these registers
following DMA termination (end of process).
Ordering Information
PACKAGE
TEMPERATURE
RANGE
8MHz
12.5MHz
PKG. NO.
PDIP
0oC to +70oC
CP82C237
CP82C237-12
E40.6
-40oC to +85oC
IP82C237
IP82C237-12
E40.6
PLCC
0oC to +70oC
CS82C237
CS82C237-12
N44.65
-40oC to +85oC
IS82C237
IS82C237-12
N44.65
SBDIP
0oC to +70oC
CD82C237
CD82C237-12
F40.6
-40oC to +85oC
ID82C237
ID82C237-12
F40.6
-55oC to +125oC
MD82C237/B
MD82C237-12/B
F40.6
SMD#
5962-9054304MQA
5962-9054305MQA
F40.6
CLCC
-55oC to +125oC
MR82C237/B
MR82C237-12/B
J44.A
SMD#
5962-9054304MXA
5962-9054305MXA
J44.A
File Number
2965.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - CS82C237-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CS82C37A INTERSIL-CS82C37A Datasheet
148Kb / 23P
CMOS High Performance Programmable DMA Controller
March 1997
logo
Harris Corporation
CS82C37A HARRIS-CS82C37A Datasheet
204Kb / 23P
CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
CS82C37A INTERSIL-CS82C37A Datasheet
427Kb / 24P
CMOS High Performance Programmable DMA Controller
March 20, 2006
CS82C37A-12 INTERSIL-CS82C37A-12 Datasheet
148Kb / 23P
CMOS High Performance Programmable DMA Controller
March 1997
logo
Harris Corporation
CS82C37A-12 HARRIS-CS82C37A-12 Datasheet
204Kb / 23P
CMOS High Performance Programmable DMA Controller
More results

Similar Description - CS82C237-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C37A INTERSIL-82C37A Datasheet
148Kb / 23P
CMOS High Performance Programmable DMA Controller
March 1997
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
Radiation Hardened CMOS High Performance Programmable DMA Controller
August 1995
logo
Harris Corporation
82C37 HARRIS-82C37 Datasheet
204Kb / 23P
CMOS High Performance Programmable DMA Controller
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Intel Corporation
M8257 INTEL-M8257 Datasheet
360Kb / 7P
PROGRAMMABLE DMA CONTROLLER
logo
NEC
UPD8237A NEC-UPD8237A Datasheet
973Kb / 17P
HIGH-PERFORMANCE PROGRAMMABLE DMA CONTROLLER
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
Programmable DMA Controller
logo
NEC
UPD8257 NEC-UPD8257 Datasheet
608Kb / 11P
PROGRAMMABLE DMA CONTROLLER
logo
Intersil Corporation
82C37A INTERSIL-82C37A_06 Datasheet
427Kb / 24P
CMOS High Performance Programmable DMA Controller
March 20, 2006
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
Radiation Hardened CMOS High Performance Programmable DMA Controller
August 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com