Electronic Components Datasheet Search
  English  ▼

X  

CS82C237-12 Datasheet(PDF) 23 Page - Intersil Corporation

Part # CS82C237-12
Description  CMOS High Performance Programmable DMA Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C237-12 Datasheet(HTML) 23 Page - Intersil Corporation

Back Button CS82C237-12 Datasheet HTML 17Page - Intersil Corporation CS82C237-12 Datasheet HTML 18Page - Intersil Corporation CS82C237-12 Datasheet HTML 19Page - Intersil Corporation CS82C237-12 Datasheet HTML 20Page - Intersil Corporation CS82C237-12 Datasheet HTML 21Page - Intersil Corporation CS82C237-12 Datasheet HTML 22Page - Intersil Corporation CS82C237-12 Datasheet HTML 23Page - Intersil Corporation CS82C237-12 Datasheet HTML 24Page - Intersil Corporation CS82C237-12 Datasheet HTML 25Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
4-170
82C237
FIGURE 13. MEMORY-TO-MEMORY TRANSFER
NOTE: For 16-bit mode, 82C237 only. In 8-bit mode this signal is always high impedance three-stated. Waveform shown is for a 16-bit memory-to-memory
transfer. For an 8-bit transfer in 16-bit mode, DWLE will go high at least TASS before the falling edge of ADSTB in S2, then low TAHS after the falling
edge of ADSTB, and will remain low until the next ADSTB where the cycle is repeated.
FIGURE 14. READY
NOTE: READY must not transition during the specified setup and hold times.
Timing Waveforms (Continued)
S0
(33)
TCLSH
CLK
S11
S12
S13
S14
S21
S22
S23
S24
S11/SI
ADSTB
A0-A7
DB0-DB7
MEMR
MEMW
EOP
EXT EOP
(34)
TCLSL
(7)
TAHS
TFAAB (22)
TASS (11)
TFADB (24)
(5) TAFDB
IN
A8-A15
(16) TDCTR
TFAC (23)
TFAC (23)
ADDRESS VALID
ADDRESS VALID
(33)
TCLSH
(34)
TCLSL
TWHSH
(60)
TCLSH
(33)
TAFAB
(3)
TAFAC
(4)
TAFAC
(4)
(59) TRHSH
TAHS
(7)
A8-A15
(24)
TFADB
TIDH (26)
TIDS
(27)
TAFDB
(5)
TDCL
(15)
TDCL
(15)
TDCTW (17)
TAK(9)
TAK
(9)
OUT
TEPW
(21)
TEPS (20)
(19) TEPH
EXTENDED WRITE
TOVD
(29)
TODH (28)
TAZRL
(64)
TDCL
(15)
TASS
(11)
DWLE
TASS (11)
TAHS
(7)
TAHS
(7)
TASS (11)
TOEV (65)
(SEE NOTE)
CLK
EXTENDED WRITE
(16)
TDCTR
S4
SW
SW
S3
S2
(15)
TDCL
(15)
TDCL
(15)TDCL
(31)TRH
(32)TRS
TRH
(32) TRS
(17)
TDCTW
READ
WRITE
READY
(31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com