Electronic Components Datasheet Search
  English  ▼

X  

CS82C37A Datasheet(PDF) 13 Page - Intersil Corporation

Part # CS82C37A
Description  CMOS High Performance Programmable DMA Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C37A Datasheet(HTML) 13 Page - Intersil Corporation

Back Button CS82C37A Datasheet HTML 9Page - Intersil Corporation CS82C37A Datasheet HTML 10Page - Intersil Corporation CS82C37A Datasheet HTML 11Page - Intersil Corporation CS82C37A Datasheet HTML 12Page - Intersil Corporation CS82C37A Datasheet HTML 13Page - Intersil Corporation CS82C37A Datasheet HTML 14Page - Intersil Corporation CS82C37A Datasheet HTML 15Page - Intersil Corporation CS82C37A Datasheet HTML 16Page - Intersil Corporation CS82C37A Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
4-204
82C37A
Figure 7 shows an application for a DMA system using the
82C37A DMA controller and the 80C286 Microprocessor.
In this application, the system clock comes from the 82C284
clock generator PCLK signal which is inverted to provide
proper READY setup and hold times to the DMA controller in
an 80C286 system. The Read and Write signals from the
DMA controller may be wired directly to the Read/Write con-
trol signals from the 82C288 Bus Controller. The octal latch
for A8-A15 from the DMA controller’s data bus is on the local
80C286 address bus so that memory chip selects may still
be generated during DMA transfers. The transceiver on A0-
A7 is controlled by AEN and is not necessary, but may be
used to drive a heavily loaded system address bus during
transfers. The data bus transceivers simply isolate the DMA
controller from the local microprocessor bus and allow pro-
gramming on the upper or lower half of the data bus.
FIGURE 7. 80C286 DMA APPLICATION
MEMW
MEMR
MEMCS
MEMORY
A0 - A23
IOW
DACK
I/O
IOR
SYSTEM
BUS
TRANSCEIVER
OE
T/R
DEVICE
DREQ
CS
D0 - D15
TRANS-
CEIVER
TRANS-
CEIVER
LATCH
STB
OE
AEN
D0-D7
VCC
A0-A7
IOR
IOW
MEMR
MEMW
DACK 0-3
D0-D7
DREQ 0-3
EOP
AEN
ADSTB
HRQ
HLDA
CLK
READY
82C37A
IOR
IOW
MEMR
MEMW
TO CORRESPONDING
82C288 SIGNALS AND
MEMORY/PERIPHERALS
TRANSCEIVER
LATCH
DECODE
CHIP SELECT
TO MEMORY/
PERIPHERALS
80C286
A0-A23
D0-D15
READY
HLD
HLDA
CLK
IORC
IOWC
MRDC
MWTC
IOR
IOW
MEMR
MEMW
CLK
82C288
82C284
CLK
PCLK
READY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com