Electronic Components Datasheet Search
  English  ▼

X  

CS82C37A Datasheet(PDF) 23 Page - Intersil Corporation

Part # CS82C37A
Description  CMOS High Performance Programmable DMA Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C37A Datasheet(HTML) 23 Page - Intersil Corporation

Back Button CS82C37A Datasheet HTML 15Page - Intersil Corporation CS82C37A Datasheet HTML 16Page - Intersil Corporation CS82C37A Datasheet HTML 17Page - Intersil Corporation CS82C37A Datasheet HTML 18Page - Intersil Corporation CS82C37A Datasheet HTML 19Page - Intersil Corporation CS82C37A Datasheet HTML 20Page - Intersil Corporation CS82C37A Datasheet HTML 21Page - Intersil Corporation CS82C37A Datasheet HTML 22Page - Intersil Corporation CS82C37A Datasheet HTML 23Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
4-214
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
148 x 159 x 19
±1mils
(3760- x 4040 x 525
µm)
METALLIZATION:
Type: SiAlCu
Thickness: Metal 1: 8k
Å
± 0.75kÅ
Thickness: Metal 2: 12k
Å
± 1.0kÅ
GLASSIVATION:
Type: Nitrox
Thickness: 10k
Å
± 3kÅ
WORST CASE CURRENT DENSITY:
0.6 x 105 A/cm2
Metallization Mask Layout
82C37A
82C37A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com