Electronic Components Datasheet Search
  English  ▼

X  

NTD4970NT4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTD4970NT4G
Description  30 V, 36 A, Single N?묬hannel, DPAK/IPAK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4970NT4G Datasheet(HTML) 2 Page - ON Semiconductor

  NTD4970NT4G Datasheet HTML 1Page - ON Semiconductor NTD4970NT4G Datasheet HTML 2Page - ON Semiconductor NTD4970NT4G Datasheet HTML 3Page - ON Semiconductor NTD4970NT4G Datasheet HTML 4Page - ON Semiconductor NTD4970NT4G Datasheet HTML 5Page - ON Semiconductor NTD4970NT4G Datasheet HTML 6Page - ON Semiconductor NTD4970NT4G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NTD4970N
http://onsemi.com
2
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case (Drain)
RqJC
6.1
°C/W
Junction−to−TAB (Drain)
RqJC−TAB
4.3
Junction−to−Ambient – Steady State (Note 3)
RqJA
58.9
Junction−to−Ambient – Steady State (Note 4)
RqJA
108.9
3. Surface−mounted on FR4 board using 1 sq−in pad, 1 oz Cu.
4. Surface−mounted on FR4 board using the minimum recommended pad size.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
30
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
17
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 24 V
TJ = 25°C
1.0
mA
TJ = 125°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.5
1.9
2.5
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
4.5
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V
ID = 30 A
8.3
11
m
W
ID = 15 A
8.2
VGS = 4.5 V
ID = 30 A
14.6
21
ID = 15 A
13.2
Forward Transconductance
gFS
VDS = 1.5 V, ID = 30 A
34
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz, VDS = 15 V
774
pF
Output Capacitance
COSS
306
Reverse Transfer Capacitance
CRSS
161
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 15 V, ID = 30 A
8.2
nC
Threshold Gate Charge
QG(TH)
1.5
Gate−to−Source Charge
QGS
3.0
Gate−to−Drain Charge
QGD
4.0
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 15 V, ID = 30 A
15.8
nC
SWITCHING CHARACTERISTICS (Note 6)
Turn−On Delay Time
td(ON)
VGS = 4.5 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
10
ns
Rise Time
tr
27.6
Turn−Off Delay Time
td(OFF)
12.5
Fall Time
tf
5.7
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Pulse Test: pulse width
v 300 ms, duty cycle v 2%.
6. Switching characteristics are independent of operating junction temperatures.
7. Assume terminal length of 110 mils.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com