Electronic Components Datasheet Search
  English  ▼

X  

NTD4970NT4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTD4970NT4G
Description  30 V, 36 A, Single N?묬hannel, DPAK/IPAK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4970NT4G Datasheet(HTML) 3 Page - ON Semiconductor

  NTD4970NT4G Datasheet HTML 1Page - ON Semiconductor NTD4970NT4G Datasheet HTML 2Page - ON Semiconductor NTD4970NT4G Datasheet HTML 3Page - ON Semiconductor NTD4970NT4G Datasheet HTML 4Page - ON Semiconductor NTD4970NT4G Datasheet HTML 5Page - ON Semiconductor NTD4970NT4G Datasheet HTML 6Page - ON Semiconductor NTD4970NT4G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTD4970N
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Unit
Max
Typ
Min
Test Condition
Symbol
SWITCHING CHARACTERISTICS (Note 6)
Turn−On Delay Time
td(ON)
VGS = 10 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
6.3
ns
Rise Time
tr
19.5
Turn−Off Delay Time
td(OFF)
16.2
Fall Time
tf
3.7
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 30 A
TJ = 25°C
0.97
1.1
V
TJ = 125°C
0.88
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 30 A
19.6
ns
Charge Time
ta
10.2
Discharge Time
tb
9.4
Reverse Recovery Charge
QRR
7.0
nC
PACKAGE PARASITIC VALUES
Source Inductance (Note 7)
LS
TA = 25°C
2.85
nH
Drain Inductance, DPAK
LD
0.0164
Drain Inductance, IPAK (Note 7)
LD
1.88
Gate Inductance (Note 7)
LG
4.9
Gate Resistance
RG
0.8
2.2
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Pulse Test: pulse width
v 300 ms, duty cycle v 2%.
6. Switching characteristics are independent of operating junction temperatures.
7. Assume terminal length of 110 mils.
ORDERING INFORMATION
Device
Package
Shipping
NTD4970NT4G
DPAK
(Pb−Free)
2500 / Tape & Reel
NTD4970N−1G
IPAK
(Pb−Free)
75 Units / Rail
NTD4970N−35G
IPAK Trimmed Lead
(Pb−Free)
75 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com