Electronic Components Datasheet Search
  English  ▼

X  

CS82C87H Datasheet(PDF) 4 Page - Intersil Corporation

Part # CS82C87H
Description  CMOS Octal Inverting Bus Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C87H Datasheet(HTML) 4 Page - Intersil Corporation

  CS82C87H Datasheet HTML 1Page - Intersil Corporation CS82C87H Datasheet HTML 2Page - Intersil Corporation CS82C87H Datasheet HTML 3Page - Intersil Corporation CS82C87H Datasheet HTML 4Page - Intersil Corporation CS82C87H Datasheet HTML 5Page - Intersil Corporation CS82C87H Datasheet HTML 6Page - Intersil Corporation CS82C87H Datasheet HTML 7Page - Intersil Corporation CS82C87H Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4-328
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage . . . . . . . . . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range
C82C87H . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
I82C87H . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
M82C87H . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Thermal Resistance (Typical)
θ
JA (
oC/W)
θ
JC (
oC/W)
CERDIP Package . . . . . . . . . . . . . . . .
70
16
CLCC Package . . . . . . . . . . . . . . . . . .
80
20
PDIP Package . . . . . . . . . . . . . . . . . . .
75
N/A
PLCC Package . . . . . . . . . . . . . . . . . .
75
N/A
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65oC to +150oC
Maximum Junction Temperature Hermetic Package . . . . . . . +175oC
Maximum Junction Temperature Plastic Package . . . . . . . . . +150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300oC
(PLCC - Lead Tips Only)
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 265 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications VCC = 5.0V ± 10%; TA = 0oC to +70oC (C82C87H);
TA = -40
oC to +85oC (I82C87H);
TA = -55
oC to +125oC (M82C87H)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
VIH
Logical One
2.0
-
V
C82C87H, I82C87H
Input Voltage
2.2
-
V
M82C87H (Note 1)
VIL
Logical Zero Input Voltage
-
0.8
V
VOH
Logical One Output Voltage
B Outputs
3.0
-
V
IOH = -8mA
A Outputs
3.0
-
V
IOH = -4mA
A or B Outputs
VCC -0.4
-
V
IOH = -100µA
VOL
Logical Zero Output Voltage
B Outputs
-
0.45
V
IOL = 20mA
A Outputs
-
0.45
V
IOL = 12mA
II
Input Leakage Current
-10.0
10.0
µAV
IN = GND or VCC DIP Pins 9, 11
IO
Output Leakage Current
-10.0
10.0
µA
VO = GND or VCC, OE ≥ VCC -0.5V
DIP Pins 1 - 8, 12 - 19
ICCSB
Standby Power Supply
Current
-10
µAV
IN = VCC or GND, VCC = 5.5V, Outputs Open
ICCOP
Operating Power Supply
Current
-
1
mA/MHz
TA = +25
oC, Typical (See Note 2)
NOTES:
1. VIH is measured by applying a pulse of magnitude = VIH(MIN) to one data input at a time and checking the corresponding device output for
a valid logical “1” during valid input high time. Control pins (T, OE) are tested separately with all device data input pins at VCC -0.4.
2. Typical ICCOP = 1mA/MHz of read/ cycle time. (Example: 1.0
µs read/write cycle time = 1mA).
Capacitance
TA = +25
oC
SYMBOL
PARAMETER
TYPICAL
UNITS
TEST CONDITIONS
CIN
Input Capacitance
B Inputs
18
pF
Freq = 1MHz, all measurements are
referenced to device GND
A Inputs
14
pF
82C87H
82C87H



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com