Electronic Components Datasheet Search
  English  ▼

X  

CS82C87H Datasheet(PDF) 6 Page - Intersil Corporation

Part # CS82C87H
Description  CMOS Octal Inverting Bus Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C87H Datasheet(HTML) 6 Page - Intersil Corporation

  CS82C87H Datasheet HTML 1Page - Intersil Corporation CS82C87H Datasheet HTML 2Page - Intersil Corporation CS82C87H Datasheet HTML 3Page - Intersil Corporation CS82C87H Datasheet HTML 4Page - Intersil Corporation CS82C87H Datasheet HTML 5Page - Intersil Corporation CS82C87H Datasheet HTML 6Page - Intersil Corporation CS82C87H Datasheet HTML 7Page - Intersil Corporation CS82C87H Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4-330
Test Load Circuits
A SIDE OUTPUTS
TIVOV LOAD CIRCUIT
TELOV OUTPUT HIGH
ENABLE LOAD CIRCUIT
TELOV OUTPUT LOW
ENABLE LOAD CIRCUIT
TEHOZ OUTPUT LOW/HIGH
DISABLE LOAD CIRCUIT
B SIDE OUTPUTS
TIVOV LOAD CIRCUIT
TELOV OUTPUT HIGH
ENABLE LOAD CIRCUIT
TELOV OUTPUT LOW
ENABLE LOAD CIRCUIT
TEHOZ OUTPUT LOW/HIGH
DISABLE LOAD CIRCUIT
NOTE: Includes jig and stray capacitance.
Burn-In Circuits
MD82C87H CERDIP
OUTPUT
TEST
POINT
2.36V
100pF
160
Ω
(SEE NOTE)
OUTPUT
TEST
POINT
1.5V
100pF
375
Ω
(SEE NOTE)
OUTPUT
TEST
POINT
1.5V
100pF
91
Ω
(SEE NOTE)
OUTPUT
TEST
POINT
2.36V
50pF
160
Ω
(SEE NOTE)
OUTPUT
TEST
POINT
2.27V
300pF
91
Ω
(SEE NOTE)
OUTPUT
TEST
POINT
1.5V
300pF
180
Ω
(SEE NOTE)
OUTPUT
TEST
POINT
1.5V
300pF
51
Ω
(SEE NOTE)
OUTPUT
TEST
POINT
2.27V
50pF
91
Ω
(SEE NOTE)
10
9
8
7
6
5
4
3
2
1
11
12
13
14
15
16
17
18
19
20
VCC
F2
R1
F2
F2
F2
F2
F2
F2
F2
A
A
A
A
A
A
A
A
R1
VCC
C1
R2
VCC
A
R1
R1
R1
R1
R1
R1
R1
R1
R3
82C87H
82C87H



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com