Electronic Components Datasheet Search
  English  ▼

X  

ACS86MS Datasheet(PDF) 6 Page - Intersil Corporation

Part # ACS86MS
Description  Radiation Hardened Quad 2-Input Exclusive OR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS86MS Datasheet(HTML) 6 Page - Intersil Corporation

  ACS86MS Datasheet HTML 1Page - Intersil Corporation ACS86MS Datasheet HTML 2Page - Intersil Corporation ACS86MS Datasheet HTML 3Page - Intersil Corporation ACS86MS Datasheet HTML 4Page - Intersil Corporation ACS86MS Datasheet HTML 5Page - Intersil Corporation ACS86MS Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
ACS86MS
Metallization Mask Layout
ACS86MS
(2)
(1)
(13)
GND
Y3
Y2
Y1 (3)
A2 (4)
NC
B2 (5)
(12) A4
(11) Y4
NC
A1
B4
B1
(6)
(7)
(8)
(10) B3
(14)
VCC
A3
(9)
Spec Number
518849
Die Characteristics
DIE DIMENSIONS:
88 mils x 88 mils
2.24mm x 2.24mm
METALLIZATION:
Type: AlSiCu
Metal 1 Thickness: 6.75k
Å (Min), 8.25kÅ (Max)
Metal 2 Thickness: 9k
Å (Min), 11kÅ (Max)
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å
±1kÅ
DIE ATTACH:
Material: Silver Glass or JM7000 Polymer after 7/1/95
WORST CASE CURRENT DENSITY:
< 2.0 x 105 A/cm2
BOND PAD SIZE:
> 4.3 mils x 4.3 mils
> 110
µm x 110µm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com