Electronic Components Datasheet Search
  English  ▼

X  

CA124 Datasheet(PDF) 2 Page - Intersil Corporation

Part # CA124
Description  Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA124 Datasheet(HTML) 2 Page - Intersil Corporation

  CA124 Datasheet HTML 1Page - Intersil Corporation CA124 Datasheet HTML 2Page - Intersil Corporation CA124 Datasheet HTML 3Page - Intersil Corporation CA124 Datasheet HTML 4Page - Intersil Corporation CA124 Datasheet HTML 5Page - Intersil Corporation CA124 Datasheet HTML 6Page - Intersil Corporation CA124 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage . .. .. .. ... .. .. .. .. .. .. .. .. .. ... . 32V or
±16V
Differential Input Voltage . .. .. .. .. .. .. .. .. .. .. . . . . . . . . . .32V
Input Voltage .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... . -0.3V to 32V
Input Current (VI <-0.3V, Note 1) . .. .. .. .. .. .. ... .. .. ..50mA
Output Short Circuit Duration (V+
≤ 15V, Note 2) . . . . . .Continuous
Operating Conditions
Temperature Range
CA124 . .. .. .. .. .. ... .. .. .. .. .. .. .. .. .. . -55oCto 125oC
CA224, LM2902 .. .. ... .. .. .. .. .. .. .. .. .. .. -40oCto 85oC
CA324, LM324 . .. .. ... .. .. .. .. .. .. .. .. .. ... . 0oCto 70oC
Thermal Resistance (Typical, Note 3)
θJA (oC/W)
PDIP Package . . . . . . ... .. .. .. .. .. .. .. .. .. ..
95
SOIC Package . . . . . . ... .. .. .. .. .. .. .. .. .. ..
175
Maximum Junction Temperature (Die). .. .. .. .. .. ... .. .. . 175oC
Maximum Junction Temperature (Plastic Package). . . . . . . . . 150oC
Maximum Storage Temperature Range .. .. .. .. .. -65oCto 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationof the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. This input current will only exist when the voltage at any of the input leads is driven negative. This current is due to the collector base junction of the
input p-n-p transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also lateral n-p-n
parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the amplifiers to go to the V+ voltage level (or to ground
for a large overdrive) for the time duration that an input is driven negative. This transistor action is not destructive and normal output states will re-
establish when the input voltage, which was negative, again returns to a value greater than -0.3V.
2. The maximum output current is approximately 40mA independent of the magnitude of V+. Continuous short circuits at V+ > 15V can cause
excessive power dissipation and eventual destruction. Short circuits from the output to V+ can cause overheating and eventual destruction of
the device.
3.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Values Apply for Each Operational Amplifier. Supply Voltage V+ = 5V, V- = 0V,
Unless Otherwise Specified
PARAMETER
TEST
CONDITIONS
TEMP.
(oC)
CA124
CA224, CA324, LM324
LM2902
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset
Voltage (Note 6)
25
-
2
5
-
2
7
---
mV
Full
--
7
-
-
9
--
10
mV
Average Input
Offset Voltage
Drift
RS =0Ω
Full
-7
-
-
7
-
-7
-
µV/oC
Differential Input
Voltage (Note 5)
Full
--
V+
--
V+
--
V+
V
Input Common
Mode Voltage
Range (Note 5)
V+ = 30V
25
0
-
V+ -1.5
0
-
V+ -1.5
-
-
-
V
V+ = 30V
Full
0
-
V+ -2
0
-
V+ -2
-
-
-
V
V+ = 26V
Full
---
---
0
-
V+ -2
V
Common Mode
Rejection Ratio
DC
25
70
85
-
65
70
-
-
-
-
dB
Power Supply
Rejection Ratio
DC
25
65
100
-
65
100
-
-
-
-
dB
Input Bias
Current (Note 4)
II+or II-
25
-
45
150
-
45
250
-
-
-
nA
II+or II-
Full
-
-
300
-
-
500
-
40
500
nA
Input Offset
Current
II+- II-
25
-
330
-
550
-
-
-
nA
II+- II-
Full
-
-
100
-
-
150
-
45
200
nA
Average Input
Offset Current
Drift
Full
-10
-
-10
-
-10
-
pA/oC
Large Signal
Voltage Gain
RL ≥ 2kΩ, V+=15V
(For Large VO Swing)
25
94
100
-
88
100
-
-
-
-
dB
RL ≥ 2kΩ,V+= 15V
(For Large VO Swing)
Full
88
-
-
83
-
-
83
-
-
dB
CA124, CA224, CA324, LM324, LM2902



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com