Electronic Components Datasheet Search
  English  ▼

X  

LM2901 Datasheet(PDF) 2 Page - Intersil Corporation

Part # LM2901
Description  Quad Voltage Comparators for Industrial, Commercial and Military Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LM2901 Datasheet(HTML) 2 Page - Intersil Corporation

  LM2901 Datasheet HTML 1Page - Intersil Corporation LM2901 Datasheet HTML 2Page - Intersil Corporation LM2901 Datasheet HTML 3Page - Intersil Corporation LM2901 Datasheet HTML 4Page - Intersil Corporation LM2901 Datasheet HTML 5Page - Intersil Corporation LM2901 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V or
±18V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .36V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +36V
Input Current (VI < -0.3V, Note 1) . . . . . . . . . . . . . . . . . . . . . . 50mA
Output Short Circuit Duration (Single Supply, Note 2) . . . Continuous
Operating Conditions
Temperature Range
CA139, CA139A . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
CA239 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25oC to 80oC
CA339, LM339 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
LM2901, LM3302 . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 3)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
100
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
175
N/A
Maximum Junction Temperature (Plastic Package) . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Inputs must not go more negative than -0.3V.
2. Short circuits from the output to V+ can cause excessive heating and eventual destruction. The maximum output current independent of V+ is
approximately 20mA.
3.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
V+ = 5V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST
CONDITIONS
TEMP
(oC)
CA139
CA139A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
VIO
VREF = 1.4V, RS = 0,
Output Switch Point
V
≅ 1.4V
TA = 25
-
2
5
-
1
2
mV
Note 4
-
-
9
-
-
4
mV
Differential Input Voltage
VID
Keep All Inputs
≥ 0V, or
V- (if used), (Note 5)
Note 4
-
-
36
-
-
36
V
Saturation Voltage
VSAT
VI- = 1V, VI+ = 0V,
ISINK ≤ 4mA
TA = 25
-
250
400
-
250
400
mV
Note 4
-
-
700
-
-
700
mV
Common Mode Input
Voltage Range
VICR
Note 6
TA = 25
0
-
V+ -1.5
0
-
V+ -1.5
V
Note 4
0
-
V+ -2
0
-
V+ -2
V
Input Offset Current
IIO
II+ - II-TA = 25
-
3
25
-
3
25
nA
Note 4
-
-
100
-
-
100
nA
Input Bias Current
IIB
II+ or II- with Output in
Linear Range
TA = 25
-
25
100
-
25
100
nA
Note 4
-
-
300
-
-
300
nA
Total Supply Current
I+
RL = ∞ On All
Comparators
TA = 25
-
0.8
2
-
0.8
2
mA
Output Leakage
Current
VI+ ≥ 1V, VI- = 0V,
VO = 5V
TA = 25
-
0.1
-
-
0.1
-
nA
VI+ ≥ 1V, VI- = 0V,
VO = 30V
Note 4
-
-
1
-
-
1
µA
Output Sink Current
VI- ≥ 1V, VI+ = 0V,
VO ≤ 1.5V
TA = 25
6
16
-
6
16
-
mA
Voltage Gain
AOL
RL ≥ 15kΩ, V+ = 15V
TA = 25
-
200
-
50
200
-
V/mV
Large Signal Response
Time
VI = TTL Logic Swing,
VREF = 1.4V, VRL = 5V,
RL = 5.1kΩ
TA = 25
-
300
-
-
300
-
ns
Response Time
(Figures 3, 4)
VRL = 5V, RL = 5.1kΩ
TA = 25
-
1.3
-
-
1.3
-
µs
CA139, CA139A, CA239, CA339, LM339, LM2901, LM3302



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com