Electronic Components Datasheet Search
  English  ▼

X  

LM2901 Datasheet(PDF) 3 Page - Intersil Corporation

Part # LM2901
Description  Quad Voltage Comparators for Industrial, Commercial and Military Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LM2901 Datasheet(HTML) 3 Page - Intersil Corporation

  LM2901 Datasheet HTML 1Page - Intersil Corporation LM2901 Datasheet HTML 2Page - Intersil Corporation LM2901 Datasheet HTML 3Page - Intersil Corporation LM2901 Datasheet HTML 4Page - Intersil Corporation LM2901 Datasheet HTML 5Page - Intersil Corporation LM2901 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Electrical Specifications
V+ = 5V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST
CONDITIONS
TEMP
(oC)
CA239, CA339, LM339
UNITS
MIN
TYP
MAX
Input Offset Voltage
VIO
VREF = 1.4V, RS = 0, Output Switch
Point V
≅ 1.4V
TA = 25
-
2
5
mV
Note 4
-
-
9
mV
Differential Input Voltage
VID
Keep All Inputs
≥ 0V, or V- (if used)
(Note 5)
Note 4
-
-
36
V
Saturation Voltage
VSAT
VI- = 1V, VI+ = 0V, ISINK ≤ 4mA
TA = 25
-
250
400
mV
Note 4
-
-
700
mV
Common Mode Input
Voltage Range
VICR
Note 6
TA = 25
0
-
V+ -1.5
V
Note 4
0
-
V+ - 2
V
Input Offset Current
IIO
II+ - II-TA = 25
-
5
50
nA
Note 4
-
-
150
nA
Input Bias Current
IIB
II+ or II- with Output in Linear Range
TA = 25
-
25
250
nA
Note 4
-
-
400
nA
Total Supply Current
I+
RL = ∞ on All Comparators
TA = 25
-
0.8
2
mA
Output Leakage Current
VI+ ≥ 1V, VI- = 0V, VO = 5V
TA = 25
-
0.1
-
nA
VI+ ≥ 1V, VI- = 0V, VO = 30V
Note 4
-
-
1
µA
Output Sink Current
VI- ≥ 1V, VI+ = 0V, VO ≤ 1.5V
TA = 25
6
16
-
mA
Voltage Gain
AOL
RL ≥ 15kΩ, V+ = 15V
TA = 25
50
200
-
V/mV
Large Signal Response Time
VI = TTL Logic Swing, VREF = 1.4V,
VRL =5V, RL = 5.1kΩ
TA = 25
-
300
-
ns
Response Time
(Figures 3, 4)
VRL = 5V, RL = 5.1kΩ
TA = 25
-
1.3
-
µs
NOTES:
4. Ambient Temperature (TA) applicable over operating temperature range as shown below.
CA139, CA139A = -55oC to 125oC; CA239 = -25oC to 85oC; CA339, LM339 = 0oC to 70oC; LM2901, LM3302 = -40oC to 85oC.
5. The comparator will provide a proper output state even if the positive swing of the inputs exceeds the power supply voltage level, if the other
input remains within the common mode voltage range. The low input voltage state must not be less than -0.3V (or 0.3V below the magnitude of
the negative power supply, if used).
6. The upper end of the common mode voltage range is (V+) - 1.5V, but either or both inputs can go to +30V without damage.
CA139, CA139A, CA239, CA339, LM339, LM2901, LM3302



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com