| Electronic Components Datasheet Search |
|
RF2312 Datasheet(PDF) 5 Page - RF Micro Devices |
|
|
|||||||||||||||||||||||||||||
RF2312 Datasheet(HTML) 5 Page - RF Micro Devices |
|
5 / 16 page ![]() 3-5 RF2312 Rev C6 051025 Pin Function Description Interface Schematic 1RF IN RF input pin. This pin is NOT internally DC-blocked. A DC-blocking capacitor, suitable for the frequency of operation, should be used in all applications. The device has internal feedback, and not using a DC- blocking capacitor will disable the temperature compensation.The bias of the device can be controlled by this pin. Adding an optional 1k Ω resistor to ground on this pin reduces the bias level, which may be com- pensated for by a higher supply voltage to maintain the appropriate bias level. The net effect of this is an increased output power capability, as well as higher linearity for signals with high crest factors. DC-cou- pling of the input is not allowed, because this will override the internal feedback loop and cause temperature instability. 2GND Ground connection. For best performance, keep traces physically short and connect immediately to ground plane. Each ground pin should have a via to the ground plane. 3GND Same as pin 2. 4GND Same as pin 2. 5GND Same as pin 2. 6GND Same as pin 2. 7GND Same as pin 2. 8RF OUT RF output and bias pin. Because DC is present on this pin, a DC-block- ing capacitor, suitable for the frequency of operation, should be used in most applications. For biasing, an RF choke in series with a resistor is needed. The value for the resistor RC is 30Ω (0.5W) for VCC=9V and 21 Ω for V CC = 8 V. The DC voltage on this pin is typically 6.0 V with a current of 100mA. In lower power applications the value of RC can be increased to lower the current and VD on this pin. RF OUT RF IN |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |