Electronic Components Datasheet Search
  English  ▼

X  

TOP264EG Datasheet(PDF) 26 Page - Power Integrations, Inc.

Part # TOP264EG
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP264EG Datasheet(HTML) 26 Page - Power Integrations, Inc.

Back Button TOP264EG Datasheet HTML 22Page - Power Integrations, Inc. TOP264EG Datasheet HTML 23Page - Power Integrations, Inc. TOP264EG Datasheet HTML 24Page - Power Integrations, Inc. TOP264EG Datasheet HTML 25Page - Power Integrations, Inc. TOP264EG Datasheet HTML 26Page - Power Integrations, Inc. TOP264EG Datasheet HTML 27Page - Power Integrations, Inc. TOP264EG Datasheet HTML 28Page - Power Integrations, Inc. TOP264EG Datasheet HTML 29Page - Power Integrations, Inc. TOP264EG Datasheet HTML 30Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Rev. E 08/12
26
TOP264-271
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Voltage Monitor (V) and External Current Limit (X) Inputs (cont.)
Output Overvoltage
Latching Shutdown
Threshold Current
I
OV(LS)
T
J = 25 °C
269
336
403
mA
V Pin Remote
ON/OFF Voltage
V
V(TH)
T
J = 25 °C
0.8
1.0
1.6
V
X Pin Remote-ON/OFF
and Latch Reset
Negative Threshold
Current and Hysteresis
I
REM(N)
T
J = 25 °C
Threshold
-35
-27
-20
mA
Hysteresis
5
V Pin Short-Circuit
Current
I
V(SC)
T
J = 25 °C
V
V = VC
300
400
500
mA
X Pin Short-Circuit
Current
I
X(SC)
V
X = 0 V
Normal Mode
-260
-200
-140
mA
Auto-Restart Mode
-95
-75
-55
V Pin Voltage
(Positive Current)
V
V
I
V = IOV
TOP264-TOP271
2.83
3.0
3.25
V
V Pin Voltage Hysteresis
(Positive Current)
V
V(HYST)
I
V = IOV
0.2
0.5
V
X Pin Voltage
(Negative Current)
V
X
I
X = -50 mA
1.23
1.30
1.37
V
I
X = -150 mA
1.15
1.22
1.29
Maximum Duty Cycle
Reduction Onset
Threshold Current
I
V(DC)
I
C ≥ IB, TJ = 25 °C
18.9
22.0
24.2
mA
Maximum Duty Cycle
Reduction Slope
T
J = 25 °C
I
V(DC) < IV <48 mA
-1.0
%/
mA
I
V ≥48 mA
-0.25
Remote-OFF DRAIN
Supply Current
I
D(RMT)
V
DRAIN = 150 V
X or V Pin Floating
0.6
1.0
mA
V Pin Shorted to
CONTROL
1.0
1.6
Remote-ON Delay
t
R(ON)
From Remote-ON to Drain
Turn-On
See Note C
66 kHz
3.0
ms
132 kHz
1.5
Remote-OFF
Set-up Time
t
R(OFF)
Minimum Time Before Drain
Turn-On to Disable Cycle
See Note C
66 kHz
3.0
ms
132 kHz
1.5
Frequency Input
FREQUENCY Pin
Threshold Voltage
V
F
See Note B
2.9
V
FREQUENCY Pin
Input Current
I
F
T
J = 25 °C
V
F = VC
10
55
90
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com