Electronic Components Datasheet Search
  English  ▼

X  

TOP264EG Datasheet(PDF) 32 Page - Power Integrations, Inc.

Part # TOP264EG
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP264EG Datasheet(HTML) 32 Page - Power Integrations, Inc.

Back Button TOP264EG Datasheet HTML 28Page - Power Integrations, Inc. TOP264EG Datasheet HTML 29Page - Power Integrations, Inc. TOP264EG Datasheet HTML 30Page - Power Integrations, Inc. TOP264EG Datasheet HTML 31Page - Power Integrations, Inc. TOP264EG Datasheet HTML 32Page - Power Integrations, Inc. TOP264EG Datasheet HTML 33Page - Power Integrations, Inc. TOP264EG Datasheet HTML 34Page - Power Integrations, Inc. TOP264EG Datasheet HTML 35Page - Power Integrations, Inc. TOP264EG Datasheet HTML 36Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Rev. E 08/12
32
TOP264-271
www.powerint.com
Typical Performance Characteristics (cont.)
1.1
1.0
0.9
-50 -25
0
25
50 75 100 125 150
Junction Temperature (
°C)
1.2
1.0
0.8
0.6
0.4
0.2
0
-50 -25
0
25
50
75 100 125 150
Junction Temperature (
°C)
1.2
1.0
0.8
0.6
0.4
0.2
0
-50 -25
0
25 50 75 100 125 150
Junction Temperature (
°C)
1.2
1.0
0.8
0.6
0.4
0.2
0
-50 -25
0255075 100 125 150
Junction Temperature (°C)
1.2
1.0
0.8
0.6
0.4
0.2
0
-50 -25
0
25
50 75 100 125 150
Junction Temperature (
°C)
1.2
1.0
0.8
0.6
0.4
0.2
0
-50 -25
0
25
50
75 100 125 150
Junction Temperature (
°C)
Figure 38. Breakdown Voltage vs. Temperature.
Figure 39. Frequency vs. Temperature.
Figure 40. Internal Current Limit vs. Temperature.
Figure 41. External Current Limit vs. Temperature with R
IL = 10.5 kW.
Figure 42. Overvoltage Threshold vs. Temperature.
Figure 43. Undervoltage Threshold vs. Temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com