Electronic Components Datasheet Search
  English  ▼

X  

UPA807T Datasheet(PDF) 7 Page - NEC

Part # UPA807T
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA807T Datasheet(HTML) 7 Page - NEC

  UPA807T Datasheet HTML 1Page - NEC UPA807T Datasheet HTML 2Page - NEC UPA807T Datasheet HTML 3Page - NEC UPA807T Datasheet HTML 4Page - NEC UPA807T Datasheet HTML 5Page - NEC UPA807T Datasheet HTML 6Page - NEC UPA807T Datasheet HTML 7Page - NEC UPA807T Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
µPA807T
7
S-PARAMETERS
VCE = 2 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
100.0000
200.0000
300.0000
400.0000
500.0000
600.0000
700.0000
800.0000
900.0000
1000.0000
1100.0000
1200.0000
1300.0000
1400.0000
1500.0000
1600.0000
1700.0000
1800.0000
1900.0000
2000.0000
ANG
–8.1
–15.6
–21.4
–26.5
–30.0
–32.3
–34.9
–36.2
–37.6
–38.5
39.7
–40.2
–41.0
–41.6
–42.3
–42.6
–43.3
–43.7
–44.2
–45.0
ANG
–8.3
–15.7
–22.2
–30.3
–35.3
–41.5
–46.7
–50.2
–53.7
–55.9
–58.4
–59.5
–61.3
–61.9
–63.2
–63.4
–63.7
–63.8
–64.7
–64.8
MAG
0.964
0.926
0.868
0.801
0.752
0.696
0.650
0.612
0.581
0.557
0.534
0.515
0.495
0.481
0.467
0.456
0.446
0.435
0.427
0.419
ANG
82.5
78.3
73.6
71.7
68.6
67.5
66.1
65.7
65.0
64.6
64.6
64.6
64.1
64.0
63.7
63.4
63.3
62.7
62.5
62.3
MAG
8.518
8.125
7.721
7.619
7.082
6.779
6.401
5.962
5.613
5.244
4.918
4.631
4.346
4.103
3.875
3.680
3.502
3.338
3.193
3.064
MAG
0.017
0.032
0.046
0.057
0.068
0.077
0.086
0.094
0.102
0.111
0.118
0.127
0.134
0.142
0.150
0.157
0.165
0.172
0.181
0.188
MAG
0.885
0.859
0.811
0.742
0.689
0.612
0.550
0.495
0.446
0.406
0.369
0.337
0.310
0.285
0.263
0.244
0.225
0.210
0.193
0.178
ANG
167.7
157.0
148.0
139.7
132.9
125.8
119.7
114.6
109.9
105.8
101.9
98.5
95.5
92.6
90.0
87.4
85.1
83.0
80.9
78.9
VCE = 2 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
100.0000
200.0000
300.0000
400.0000
500.0000
600.0000
700.0000
800.0000
900.0000
1000.0000
1100.0000
1200.0000
1300.0000
1400.0000
1500.0000
1600.0000
1700.0000
1800.0000
1900.0000
2000.0000
ANG
–9.4
–17.6
–23.4
–28.2
–31.0
–32.9
–34.6
–35.3
–36.4
–36.8
–37.7
–37.8
–38.6
–39.0
–39.7
–40.1
–40.5
–41.0
–41.4
–42.1
ANG
–10.5
–19.7
–27.4
–36.2
–41.6
–47.0
–51.4
–54.0
–56.3
–57.7
–59.5
–59.6
–61.1
–61.2
–62.1
–61.7
–61.5
–60.6
–60.8
–60.9
MAG
0.952
0.897
0.825
0.751
0.696
0.640
0.598
0.564
0.537
0.517
0.496
0.482
0.465
0.456
0.443
0.435
0.426
0.418
0.411
0.406
ANG
82.0
77.4
73.3
71.2
69.1
68.1
67.5
67.2
67.0
67.1
67.0
67.0
66.5
66.8
66.1
65.7
65.4
65.1
64.7
64.5
MAG
0.016
0.031
0.043
0.053
0.063
0.073
0.081
0.089
0.097
0.105
0.114
0.122
0.130
0.138
0.147
0.154
0.163
0.171
0.179
0.187
MAG
0.836
0.794
0.731
0.645
0.579
0.500
0.440
0.393
0.352
0.319
0.290
0.265
0.242
0.223
0.204
0.189
0.175
0.162
0.148
0.137
ANG
165.5
153.3
143.3
133.7
126.3
119.3
113.3
108.6
104.4
100.8
97.3
94.4
91.6
89.0
86.5
84.3
82.3
80.2
78.3
76.6
MAG
11.040
10.358
9.657
9.225
8.418
7.759
7.124
6.499
6.003
5.536
5.135
4.801
4.484
4.221
3.974
3.760
3.565
3.393
3.248
3.106



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com