Electronic Components Datasheet Search
  English  ▼

X  

AMTP777 Datasheet(PDF) 7 Page - Aplus Intergrated Circuits

Part # AMTP777
Description  APLUS INTEGRATED CIRCUITS INC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AMTP777 Datasheet(HTML) 7 Page - Aplus Intergrated Circuits

  AMTP777 Datasheet HTML 1Page - Aplus Intergrated Circuits AMTP777 Datasheet HTML 2Page - Aplus Intergrated Circuits AMTP777 Datasheet HTML 3Page - Aplus Intergrated Circuits AMTP777 Datasheet HTML 4Page - Aplus Intergrated Circuits AMTP777 Datasheet HTML 5Page - Aplus Intergrated Circuits AMTP777 Datasheet HTML 6Page - Aplus Intergrated Circuits AMTP777 Datasheet HTML 7Page - Aplus Intergrated Circuits AMTP777 Datasheet HTML 8Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Integrated Circuits Inc.
aMTP777
MAY 10, 2011
7
5V CPU Control with COUT
Note for COUT speaker drive:
1. C1 and C2 must be connected as close to the VDD/VDDA and VSS/VSSA pins as possible.
2. Rb is base resistor from 120 Ohm to 390 Ohm depends on value of VDD and transistor gain.
3. Tr is an NPN transistor with beta larger than 150, e.g. 8050D.
4. Rosc = 220K Ohm with Vdd=3.0V can support sampling rate up to 14KHz.
VSS, VSSA
RSTB
PB3
OSC
0.1uF
ROSC
220K
Tr
VOUT2_
COUT
8
1/4W
Speaker
HT7335
PB0
PB1
PB2
VOUT=+3.5V
Addr[0]
Addr[1]
Addr[2]
IO0
VIN=+5V
Note :
PB0 to PB2 set to internal pull-up
Addr[0] to [2] are open drain output drive
Rb
4.7K
VDDA
C1, 0.1uF
Rp=1ohm
VDD
C2, 0.1uF
DAT
SCK
DO
EN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com