Electronic Components Datasheet Search
  English  ▼

X  

AMTP777 Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # AMTP777
Description  APLUS INTEGRATED CIRCUITS INC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AMTP777 Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  AMTP777 Datasheet HTML 1Page - Aplus Intergrated Circuits AMTP777 Datasheet HTML 2Page - Aplus Intergrated Circuits AMTP777 Datasheet HTML 3Page - Aplus Intergrated Circuits AMTP777 Datasheet HTML 4Page - Aplus Intergrated Circuits AMTP777 Datasheet HTML 5Page - Aplus Intergrated Circuits AMTP777 Datasheet HTML 6Page - Aplus Intergrated Circuits AMTP777 Datasheet HTML 7Page - Aplus Intergrated Circuits AMTP777 Datasheet HTML 8Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Integrated Circuits Inc.
aMTP777
MAY 10, 2011
5
DC CHARACTERISTICS ( TA = 0 to 70℃, VDD = 3.0V, VSS = 0V )
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
VDD
Operating Voltage
2.2
3.0
3.6
V
ISB
Standby current
1
5
µ
A
I/O properly terminated
IOP
Operating current
7
mA
I/O properly terminated
VIH
"H" Input Voltage
2.5
3.0
3.5
V
VDD=3.0V
VIL
"L" Input Voltage
-0.3
0
0.5
V
VDD=3.0V
I
VOUTL_N
VOUT low O/P Current
(Normal Volume)
130
mA
Vout=1.0V
I
VOUTL_H
VOUT low O/P Current
(High Volume)
200
mA
Vout=1.0V
I
VOUTH_N
VOUT high O/P Current
(Normal Volume)
-130
mA
Vout=2.0V
I
VOUTH_H
VOUT high O/P Current
(High Volume)
-200
mA
Vout=2.0V
ICO
COUT O/P Current
-2
mA
Data = 80h
IOH
O/P High Current
-10
mA
VOH=2.5V
IOL
O/P Low Current
17
mA
VOL=0.3V
RNVOUT VOUT pull-down
resistance
100K
Ω
Ω
Ω
Ω
VOUT pin set to internal
pull-down
RNPIO
Programmable IO pin
pull-down resistance
1M
Ω
Ω
Ω
Ω
PBx, PCx, PDx set to
internal pull-down
RUPIO
Programmable IO pin
pull-up resistance
3.3K
4.7K
Ω
Ω
Ω
Ω
PBx, PCx, PDx set to
internal pull-up
∆Fs/Fs
Frequency stability
-3
+3
%
VDD = 3V +/- 0.4V
∆Fc/Fc
Chip to chip Frequency
Variation
-5
+5
%
Also apply to lot to lot
variation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com