Electronic Components Datasheet Search
  English  ▼

X  

AD7705 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW, 2-/3-Channel
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7705 Datasheet HTML 9Page - Analog Devices AD7705 Datasheet HTML 10Page - Analog Devices AD7705 Datasheet HTML 11Page - Analog Devices AD7705 Datasheet HTML 12Page - Analog Devices AD7705 Datasheet HTML 13Page - Analog Devices AD7705 Datasheet HTML 14Page - Analog Devices AD7705 Datasheet HTML 15Page - Analog Devices AD7705 Datasheet HTML 16Page - Analog Devices AD7705 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
AD7705/AD7706
Rev. C | Page 13 of 44
OUTPUT NOISE (3 V OPERATION)
Table 7 shows the AD7705/AD7706 output rms noise for the
selectable notch and −3 dB frequencies for the parts, as selected
by FS0 and FS1 of the clock register. The numbers given are for
the bipolar input ranges with a VREF of 1.225 V and a VDD = 3 V.
These numbers are typical and are generated at an analog input
voltage of 0 V with the parts used in either buffered or unbuffered
mode. Table 8 shows the output peak-to-peak noise for the
selectable notch and −3 dB frequencies for the parts.
Note that these numbers represent the resolution for which
there is no code flicker. They are not calculated based on rms
noise, but on peak-to-peak noise. The numbers given are for
bipolar input ranges with a VREF of 1.225 V for either buffered or
unbuffered mode. These numbers are typical and are rounded
to the nearest LSB. The numbers apply for the CLKDIV bit of
the clock register set to 0.
Table 7. Output RMS Noise vs. Gain and Output Update Rate @ 3 V
Typical Output RMS Noise in μV
Filter First
Notch and
O/P Data Rate
−3 dB
Frequency
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
MCLK IN = 2.4576 MHz
50 Hz
13.1 Hz
3.8
2.4
1.5
1.3
1.1
1.0
0.9
0.9
60 Hz
15.72 Hz
5.1
2.9
1.7
1.5
1.2
1.0
0.9
0.9
250 Hz
65.5 Hz
50
25
14
9.9
5.1
2.6
2.3
2.0
500 Hz
131 Hz
270
135
65
41
22
9.7
5.1
3.3
MCLK IN = 1 MHz
20 Hz
5.24 Hz
3.8
2.4
1.5
1.3
1.1
1.0
0.9
0.9
25 Hz
6.55 Hz
5.1
2.9
1.7
1.5
1.2
1.0
0.9
0.9
100 Hz
26.2 Hz
50
25
14
9.9
5.1
2.6
2.3
2.0
200 Hz
52.4 Hz
270
135
65
41
22
9.7
5.1
3.3
Table 8. Peak-to-Peak Resolution vs. Gain and Output Update Rate @ 3 V
Typical Peak-to-Peak Resolution in Bits
Filter First
Notch and
O/P Data Rate
−3 dB
Frequency
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
MCLK IN = 2.4576 MHz
50 Hz
13.1 Hz
16
16
15
15
14
13
13
12
60 Hz
15.72 Hz
16
16
15
14
14
13
13
12
250 Hz
65.5 Hz
13
13
13
13
12
12
11
11
500 Hz
131 Hz
10
10
10
10
10
10
10
10
MCLK IN = 1 MHz
20 Hz
5.24 Hz
16
16
15
15
14
13
13
12
25 Hz
6.55 Hz
16
16
15
14
14
13
13
12
100 Hz
26.2 Hz
13
13
13
13
12
12
11
11
200 Hz
52.4 Hz
10
10
10
10
10
10
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com