Electronic Components Datasheet Search
  English  ▼

X  

AD7705 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW, 2-/3-Channel
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7705 Datasheet HTML 17Page - Analog Devices AD7705 Datasheet HTML 18Page - Analog Devices AD7705 Datasheet HTML 19Page - Analog Devices AD7705 Datasheet HTML 20Page - Analog Devices AD7705 Datasheet HTML 21Page - Analog Devices AD7705 Datasheet HTML 22Page - Analog Devices AD7705 Datasheet HTML 23Page - Analog Devices AD7705 Datasheet HTML 24Page - Analog Devices AD7705 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
AD7705/AD7706
Rev. C | Page 21 of 44
CIRCUIT DESCRIPTION
The AD7705/AD7706 are Σ-Δ analog-to-digital converters (ADC)
with on-chip digital filtering, intended for the measurement of
wide, dynamic range, low frequency signals, such as those in
industrial-control or process-control applications. Each contains
a Σ-Δ (or charge-balancing) ADC, a calibration microcontroller
with on-chip static RAM, a clock oscillator, a digital filter, and a
bidirectional serial communication port. The parts consume only
320 μA of power supply current, making them ideal for battery-
powered or loop-powered instruments. These parts operate with
a supply voltage of 2.7 V to 3.3 V or 4.75 V to 5.25 V.
The AD7705 contains two programmable-gain, fully differential
analog input channels, and the AD7706 contains three pseudo
differential analog input channels. The selectable gains on these
inputs are 1, 2, 4, 8, 16, 32, 64, and 128, allowing the parts to accept
unipolar signals of 0 mV to 20 mV and 0 V to 2.5 V, or bipolar
signals in the range of ±20 mV to ±2.5 V when the reference input
voltage equals 2.5 V. With a reference voltage of 1.225 V, the input
ranges are from 0 mV to 10 mV and 0 V to 1.225 V in unipolar
mode, and from ±10 mV to ±1.225 V in bipolar mode. Note that
the bipolar ranges are with respect to AIN(−) on the AD7705,
and with respect to COMMON on the AD7706, but not with
respect to GND.
The input signal to the analog input is continuously sampled at a
rate determined by the frequency of the master clock, MCLK IN,
and the selected gain. A charge-balancing ADC (∑-Δ modulator)
converts the sampled signal into a digital pulse train whose duty
cycle contains the digital information. The programmable gain
function on the analog input is also incorporated in this Σ-Δ
modulator, with the input sampling frequency being modified
to provide higher gains. A sinc3, digital, low-pass filter processes
the output of the Σ-Δ modulator and updates the output register
at a rate determined by the first notch frequency of this filter.
The output data can be read from the serial port randomly or
periodically at any rate up to the output register update rate.
The frequency of the first notch of the digital filter ranges from
50 Hz to 500 Hz; therefore, the programmable range for the
−3 dB frequency is 13.1 Hz to 131 Hz. With a master clock
frequency of 1 MHz, the programmable range for this first
notch frequency is 20 Hz to 200 Hz, giving a programmable
range for the −3 dB frequency of 5.24 Hz to 52.4 Hz.
The AD7705 basic connection diagram is shown in Figure 13.
It shows the AD7705 driven from an analog 5 V supply. An
AD780 or REF192 precision 2.5 V reference provides the reference
source for the part. On the digital side, the part is configured for
3-wire operation with CS tied to GND. A quartz crystal or ceramic
resonator provides the master clock source for the part. In most
cases, it is necessary to connect capacitors on the crystal or
resonator to ensure that it does not oscillate at overtones of its
fundamental operating frequency. The values of capacitors vary,
depending on the manufacturer’s specifications. The same setup
applies to the AD7706.
VDD
ANALOG
5V SUPPLY
10
μF
AIN1(+)
AIN1(–)
AIN2(+)
AIN2(–)
DIFFERENTIAL
ANALOG
INPUT
DIFFERENTIAL
ANALOG
INPUT
GND
REF IN(+)
REF IN(–)
10
μF
VIN
ANALOG 5V
SUPPLY
AD780/
REF192
VOUT
GND
AD7705
DRDY
DATA READY
DOUT
RECEIVE (READ)
DIN
SERIAL DATA
SCLK
SERIAL CLOCK
RESET
5V
CS
MCLK IN
MCLK OUT
CRYSTAL OR
CERAMIC
RESONATOR
0.1
μF
0.1
μF
Figure 13. AD7705 Basic Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com