Electronic Components Datasheet Search
  English  ▼

X  

CD14538BMS Datasheet(PDF) 7 Page - Intersil Corporation

Part # CD14538BMS
Description  CMOS Dual Precision Monostable Multivibrator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD14538BMS Datasheet(HTML) 7 Page - Intersil Corporation

  CD14538BMS Datasheet HTML 1Page - Intersil Corporation CD14538BMS Datasheet HTML 2Page - Intersil Corporation CD14538BMS Datasheet HTML 3Page - Intersil Corporation CD14538BMS Datasheet HTML 4Page - Intersil Corporation CD14538BMS Datasheet HTML 5Page - Intersil Corporation CD14538BMS Datasheet HTML 6Page - Intersil Corporation CD14538BMS Datasheet HTML 7Page - Intersil Corporation CD14538BMS Datasheet HTML 8Page - Intersil Corporation CD14538BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7-646
CD14538BMS
Logic Diagram
FIGURE 3. 1/2 OF DEVICE SHOWN
+
-
+
-
=
D
CL
CL
FF
R1 R2 Q
Q
p
n
p
n
p
n
VDD
R1
R2
VDD
VSS
COMP
I
COMP
II
7 (9)
Q
6 (10)
VDD
VSS
Q
R2
R1
Q
CL
CL
CL
CL
CL
CL
R1
R2
VCC
CL
VDD
16
VSS
VDD
R4
R3
HIGH Z
VSS
VDD
VSS
VSS
VDD
8 VSS
VDD
RX
CX
VDD
VDD
2(14)
1(15)
*
TR
5(11)
4(12)
3(13)
*
TR
*
R
*ALL INPUTS ARE
PROTECTED BY CMOS
PROTECTION NETWORK
FF DETAIL
Q
Typical Performance Characteristics
FIGURE 4. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 5. MINIMUM OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
15
10
5
20
25
30
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
7.5
5.0
2.5
10.0
12.5
15.0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com