Electronic Components Datasheet Search
  English  ▼

X  

AD7794 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7794
Description  6-Channel, Low Noise, Low Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7794 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7794 Datasheet HTML 27Page - Analog Devices AD7794 Datasheet HTML 28Page - Analog Devices AD7794 Datasheet HTML 29Page - Analog Devices AD7794 Datasheet HTML 30Page - Analog Devices AD7794 Datasheet HTML 31Page - Analog Devices AD7794 Datasheet HTML 32Page - Analog Devices AD7794 Datasheet HTML 33Page - Analog Devices AD7794 Datasheet HTML 34Page - Analog Devices AD7794 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
AD7794/AD7795
Rev. D | Page 30 of 36
Single Conversion Mode
In single conversion mode, the AD7794/AD7795 are placed in
shutdown mode between conversions. When a single
conversion is initiated by setting MD2 to 0, MD1 to 0, and MD0
to 1 in the mode register, the AD7794/AD7795 power up,
perform a single conversion, and then return to shutdown
mode. The on-chip oscillator requires 1 ms to power up. A
conversion requires a time period of 2 × tADC. DOUT/RDY goes
low to indicate the completion of a conversion. When the data-
word has been read from the data register, DOUT/RDY goes
high. If CS is low, DOUT/RDY remains high until another
conversion is initiated and completed. The data register can be
read several times, if required, even when DOUT/RDY has
gone high.
Continuous Conversion Mode
This is the default power-up mode. The AD7794/AD7795
continuously convert with the RDY pin in the status register
going low each time a conversion is complete. If CS is low, the
DOUT/RDY line also goes low when a conversion is complete.
To read a conversion, the user writes to the communications
register, indicating that the next operation is a read of the data
register. The digital conversion is placed on the DOUT/RDY
pin as soon as SCLK pulses are applied to the ADC. DOUT/RDY
returns high when the conversion is read. The user can read this
register additional times, if required. However, the user must
ensure that the data register is not being accessed at the completion
of the next conversion, or else the new conversion word is lost.
Continuous Read
Rather than write to the communications register each time a
conversion is complete to access the data, the AD7794/AD7795
can be configured so that the conversions are placed on the
DOUT/RDY line automatically. By writing 01011100 to the
communications register, the user need only apply the
appropriate number of SCLK cycles to the ADC. The 24-bit
word is automatically placed on the DOUT/RDY line when a
conversion is complete. The ADC should be configured for
continuous conversion mode.
When DOUT/RDY goes low to indicate the end of a conversion,
sufficient SCLK cycles must be applied to the ADC, and the
data conversion is placed on the DOUT/RDY line. When the
conversion is read, DOUT/RDY returns high until the next
conversion is available.
In this mode, the data can be read only once. Also, the user must
ensure that the data-word is read before the next conversion is
complete. If the user has not read the conversion before the
completion of the next conversion, or if insufficient serial clocks are
applied to the AD7794/AD7795 to read the word, the serial
output register is reset when the next conversion is complete.
The new conversion is then placed in the output serial register.
To exit the continuous read mode, the instruction 01011000
must be written to the communications register while the RDY
pin is low. While in the continuous read mode, the ADC
monitors activity on the DIN line so that it can receive the
instruction to exit the continuous read mode. Additionally, a
reset occurs if 32 consecutive 1s are seen on DIN. Therefore,
DIN should be held low in continuous read mode until an
instruction is to be written to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com