Electronic Components Datasheet Search
  English  ▼

X  

CD4016BMS Datasheet(PDF) 6 Page - Intersil Corporation

Part # CD4016BMS
Description  CMOS Quad Bilateral Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4016BMS Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CD4016BMS Datasheet HTML 2Page - Intersil Corporation CD4016BMS Datasheet HTML 3Page - Intersil Corporation CD4016BMS Datasheet HTML 4Page - Intersil Corporation CD4016BMS Datasheet HTML 5Page - Intersil Corporation CD4016BMS Datasheet HTML 6Page - Intersil Corporation CD4016BMS Datasheet HTML 7Page - Intersil Corporation CD4016BMS Datasheet HTML 8Page - Intersil Corporation CD4016BMS Datasheet HTML 9Page - Intersil Corporation CD4016BMS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
7-738
CD4016BMS
Typical Performance Characteristics
FIGURE 2. TYPICAL ON-STATE CHARACTERISTICS FOR 1 OF
4 SWITCHES WITH VDD = +15V, VSS = 0V
FIGURE 3. TYPICAL ON-STATE CHARACTERISTICS FOR 1 OF
4 SWITCHES WITH VDD = +10V, VSS = 0V
FIGURE 4. TYPICAL ON-STATE CHARACTERISTICS FOR 1 OF
4 SWITCHES WITH VDD = +5V, VSS = 0V
FIGURE 5. TYPICAL ON-STATE CHARACTERISTICS FOR 1 OF
4 SWITCHES WITH VDD = +7.5V, VSS = -7.5V
FIGURE 6. TYPICAL ON-STATE CHARACTERISTICS FOR 1 OF
4 SWITCHES WITH VDD = +5V, VSS = -5V
FIGURE 7. TYPICAL ON-STATE CHARACTERISTICS FOR 1 OF
4 SWITCHES WITH VDD = +2.5V, VSS = -2.5V
12.5
10.0
7.5
5.0
2.5
0
2.5
5.0
7.5
10.0
12.5
15.0
INPUT SIGNAL VOLTS (VIS)
SUPPLY VOLTS: VDD = +15V; VSS = 0
AMBIENT TEMPERATURE (TA) = +25oC
RL = 100k
Ω
10k
Ω
1k
Ω
VC = VDD
VIS
VOS
p
n
RL
SUPPLY VOLTS: VDD = +10V; VSS = 0
AMBIENT TEMPERATURE (TA) = +25oC
RL = 100k
Ω
10k
Ω
1k
Ω
10
8
6
4
2
0
246
8
10
INPUT SIGNAL VOLTS (VIS)
VC = VDD
VIS
VOS
p
n
RL
5
4
3
2
1
012345
INPUT SIGNAL VOLTS (VIS)
SUPPLY VOLTS: VDD = +5;V VSS = 0
AMBIENT TEMPERATURE (TA) = +25oC
RL = 100k
Ω
10k
Ω
1k
Ω
VC = VDD
VIS
VOS
p
n
RL
VC = VDD
VIS
VOS
p
n
RL
INPUT SIGNAL VOLTS (VIS)
SUPPLY VOLTS: VDD = +7.5 V; VSS = -7.5V
AMBIENT TEMPERATURE (TA) = +25oC
RL = 100k
Ω
10k
Ω
1k
Ω
5
2.5
0
-2.5
-5
-7.5
-5
-2.5
0
2.5
5
7.5
VC = VDD
VIS
VOS
p
n
RL
4
2
0
-2
-4
-4
-2
0
2
4
6
INPUT SIGNAL VOLTS (VIS)
SUPPLY VOLTS: VDD = +5V; VSS = -5V
AMBIENT TEMPERATURE (TA) = +25oC
10k
Ω
RL = 100k
Ω
1k
Ω
6
VC = VDD
VIS
VOS
p
n
RL
1
0
-1
-2
-3
-2
-1
0
1
2
INPUT SIGNAL VOLTS (VIS)
SUPPLY VOLTS: VDD = +2.5V; VSS = -2.5V
AMBIENT TEMPERATURE (TA) = +25oC
10k
Ω
RL = 100k
Ω
1k
Ω
2
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com