Electronic Components Datasheet Search
  English  ▼

X  

CD4016BMS Datasheet(PDF) 7 Page - Intersil Corporation

Part # CD4016BMS
Description  CMOS Quad Bilateral Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4016BMS Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CD4016BMS Datasheet HTML 2Page - Intersil Corporation CD4016BMS Datasheet HTML 3Page - Intersil Corporation CD4016BMS Datasheet HTML 4Page - Intersil Corporation CD4016BMS Datasheet HTML 5Page - Intersil Corporation CD4016BMS Datasheet HTML 6Page - Intersil Corporation CD4016BMS Datasheet HTML 7Page - Intersil Corporation CD4016BMS Datasheet HTML 8Page - Intersil Corporation CD4016BMS Datasheet HTML 9Page - Intersil Corporation CD4016BMS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7-739
CD4016BMS
FIGURE 12. DETERMINATION OF RON AS A TEST CONDITION FOR
CONTROL INPUT HIGH VOLTAGE (VIHC) SPECIFICATION
FIGURE 8. TYPICAL ON-STATE CHARACTERISTICS AS A
FUNCTION OF TEMPERATURE FOR 1 OF 4
SWITCHES WITH VDD = +5V, VSS = -5V
FIGURE 9. TYPICAL FEEDTHRU vs FREQUENCY - SWITCH
OFF
FIGURE 10. TYPICAL CROSSTALK BETWEEN SWITCH
CIRCUITS IN THE SAME PACKAGE
FIGURE 11. TYPICAL FREQUENCY RESPONSE - SWITCH ON
Typical Performance Characteristics (Continued)
VC = +5V
VIS
VOS
p
n
RL = 10k
4
2
0
-2
-4
-4
-2
0
2
4
6
INPUT SIGNAL VOLTS (VIS)
SUPPLY VOLTS: VDD = +5V; VSS = -5V
6
-55oC
+125oC
+125oC
-55oC
VC = VSS
VIS
VOS
p
n
RL
CL
RF VOLTMETER
BOONTON RADIO
MODEL 91-CA
OR EQUIV.
30
25
20
15
10
5
0
24 6 8
1
10-1
24 6 8
10
24 6 8
102
24 6 8
103
24 6 8
104
INPUT SIGNAL FREQUENCY (fis) kHz
37
39
41.5
45
51
SUPPLY VOLTS: VDD = +5V, VSS = -5V
CONTROL VOLTS (VC) = -5V
INPUT SIGNAL VOLTS (VIS) = 5VP-P SINE WAVE (1.77 RMS)
*LOAD CAPACITANCE (CL) = CFIXTURE+CMETER=2.3+2.5=4.8pF
FIXTURE AND METER NULLED OUT
CIOS (FIXTURE) = 0.8pF
LOAD RESISTANCE
(RL) = 1M
Ω
100k
Ω
10k
Ω
1k
Ω
VC = VDD
n
p
VIS (A)
5V
1k
Ω
1k
Ω
VC = VSS
n
p
1k
Ω
1k
Ω
VOS (B)
RF VOLTMETER
BOONTON RADIO
MODEL 91-CA
OR EQUIV.
SUPPLY VOLTS: VDD = +5V; VSS = -5V
INPUT SIGNAL VOLTS (VIS) = 5Vp-p SINE WAVE (1.77RMS)
FIXTURE AND METER NULLED OUT
30
25
20
15
10
5
0
10-1
110
102
103
104
24 6 8
35.5
37
39
41.5
45
51
INPUT SIGNAL FREQUENCY (fis) (kHz)
VC = VDD
VIS
VOS
p
n
RL
CL
*
RF VOLTMETER
BOONTON RADIO
MODEL 91-CA
OR EQUIV.
(RMS)
CIOS = 0.8pF
SUPPLY VOLTS:
VDD = +5V, VSS = -5V
INPUT SIGNAL VOLTS
(VIS) = 5Vp-p
SINE WAVE (1.77 RMS)
CONTROL VOLTS
(VC) = +5V
*LOAD CAPACITANCE
= (CFIX + CMETER) =
2.3 + 2.5 = 4.8pF
2.0
1.5
1.0
0.5
0.1
24
6 8
1
24
6 8
10
24
6 8
100
INPUT SIGNAL FREQUENCY (FIS) MHz
LOAD RESISTANCE (RL) = 1M
Ω
10k
Ω
1k
Ω
100k
Ω
-3dB
POINTS
CD4016BMS
1 OF 4 SWITCHES
VOS
Vis
Iis
Vis - Vos
Iis
ron =
[]
[]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com