Electronic Components Datasheet Search
  English  ▼

X  

CD4040BMS Datasheet(PDF) 9 Page - Intersil Corporation

Part # CD4040BMS
Description  CMOS Ripple-Carry Binary Counter/Dividers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4040BMS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CD4040BMS Datasheet HTML 2Page - Intersil Corporation CD4040BMS Datasheet HTML 3Page - Intersil Corporation CD4040BMS Datasheet HTML 4Page - Intersil Corporation CD4040BMS Datasheet HTML 5Page - Intersil Corporation CD4040BMS Datasheet HTML 6Page - Intersil Corporation CD4040BMS Datasheet HTML 7Page - Intersil Corporation CD4040BMS Datasheet HTML 8Page - Intersil Corporation CD4040BMS Datasheet HTML 9Page - Intersil Corporation CD4040BMS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
7-367
CD4020BMS, CD4024BMS, CD4040BMS
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches
FIGURE 10. TYPICAL DYNAMIC POWER DISSIPATION AS A
FUNCTION OF INPUT PULSE FREQUENCY FOR
CD4020BMS
FIGURE 11. DETAIL OF TYPICAL FLIP-FLOP STAGES
Chip Dimensions and Pad Layouts
DIMENSIONS AND PAD LAYOUT FOR CD4020BMS. DIMEN-
SIONS AND PAD LAYOUT FOR CD4040BMS ARE IDENTICAL
DIMENSIONS AND PAD LAYOUT FOR CD4024BMSH
Typical Performance Characteristics (Continued)
105
104
103
102
10
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
110
102
103
104
105
8
6
4
28
6
4
28
6
4
28
6
4
28
6
4
2
INPUT PULSE FREQUENCY (f
φ) (kHz)
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 5V
5V
10V
10V
CD = 15pF
CL = 50pF
∅
∅
p
n
∅
∅
p
n
∅
∅
p
n
R
R
R
∅
∅
p
n
*
* ON FIRST STAGE ONLY
Q1
Q
Q
Dimensions in parentheses are in millimeters
and are derived from the basic inch dimensions
as indicated. Grid graduations are in mils (10-3 inch)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com