Electronic Components Datasheet Search
  English  ▼

X  

AD7841 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7841
Description  Octal 14-Bit, Parallel Input, Voltage-Output DAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7841 Datasheet(HTML) 1 Page - Analog Devices

  AD7841 Datasheet HTML 1Page - Analog Devices AD7841 Datasheet HTML 2Page - Analog Devices AD7841 Datasheet HTML 3Page - Analog Devices AD7841 Datasheet HTML 4Page - Analog Devices AD7841 Datasheet HTML 5Page - Analog Devices AD7841 Datasheet HTML 6Page - Analog Devices AD7841 Datasheet HTML 7Page - Analog Devices AD7841 Datasheet HTML 8Page - Analog Devices AD7841 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7841
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Octal 14-Bit, Parallel Input,
Voltage-Output DAC
FUNCTIONAL BLOCK DIAGRAM
DAC
REG
A
INPUT
REG
A
DAC E
AD7841
DB13
DB0
WR
CS
A0
A1
A2
LDAC
RR
RR
R
R
R
R
R
R
R
R
R
R
R
R
DAC
REG
B
INPUT
REG
B
DAC
REG
C
INPUT
REG
C
DAC
REG
D
INPUT
REG
D
DAC
REG
E
INPUT
REG
E
DAC
REG
F
INPUT
REG
F
DAC
REG
G
INPUT
REG
G
DAC
REG
H
INPUT
REG
H
14
DAC D
DAC C
DAC F
DAC B
DAC A
DAC G
DAC H
VCC
VSS
VDD
VREF(+)
AB
VREF(–)
AB
DUTGND
CD
DUTGND
AB
VOUTA
VOUTB
VOUTC
VOUTD
VOUTE
VOUTF
VOUTG
VOUTH
DUTGND
GH
DUTGND
EF
VREF(–)
CDEF
VREF(+)
CDEF
VREF(–)
GH
VREF(+)
GH
GND
CLR
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
14
FEATURES
Eight 14-Bit DACs in One Package
Voltage Outputs
Offset Adjust for Each DAC Pair
Reference Range of
5 V
Maximum Output Voltage Range of
10 V
15 V
10% Operation
Clear Function to User-Defined Voltage
44-Lead MQFP Package
APPLICATIONS
Automatic Test Equipment
Process Control
General Purpose Instrumentation
GENERAL DESCRIPTION
The AD7841 contains eight 14-bit DACs on one monolithic
chip. It has output voltages with a full-scale range of
±10 V
from reference voltages of
±5 V.
The AD7841 accepts 14-bit parallel loaded data from the exter-
nal bus into one of the input registers under the control of the
WR, CS, and DAC channel address pins, A0–A2.
The DAC outputs are updated on reception of new data into
the DAC registers. All the outputs may be updated simulta-
neously by taking the
LDAC input low.
Each DAC output is buffered with a gain-of-two amplifier into
which an external DAC offset voltage can be inserted via the
DUTGNDx pins.
The AD7841 is available in a 44-lead MQFP package.
REV. B
Fax: 781/461-3113
© 1999-2011 Analog Devices, Inc. All rights reserved.


Similar Part No. - AD7841

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7841 AD-AD7841 Datasheet
167Kb / 12P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7841AS AD-AD7841AS Datasheet
167Kb / 12P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841ASZ-REEL AD-AD7841ASZ-REEL Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841BS AD-AD7841BS Datasheet
167Kb / 12P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. 0
More results

Similar Description - AD7841

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2619 WOLFSON-WM2619 Datasheet
124Kb / 9P
12-bit Parallel Input Voltage Output DAC
logo
Analog Devices
AD7839 AD-AD7839 Datasheet
153Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV.0
logo
Maxim Integrated Produc...
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX5264 MAXIM-MAX5264 Datasheet
451Kb / 16P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Rev 0; 5/00
logo
Analog Devices
AD7841 AD-AD7841 Datasheet
167Kb / 12P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. 0
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Analog Devices
AD7841BSZ AD-AD7841BSZ Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7839 AD-AD7839_15 Datasheet
157Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com