Electronic Components Datasheet Search
  English  ▼

X  

AD7841 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7841
Description  Octal 14-Bit, Parallel Input, Voltage-Output DAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7841 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7841 Datasheet HTML 5Page - Analog Devices AD7841 Datasheet HTML 6Page - Analog Devices AD7841 Datasheet HTML 7Page - Analog Devices AD7841 Datasheet HTML 8Page - Analog Devices AD7841 Datasheet HTML 9Page - Analog Devices AD7841 Datasheet HTML 10Page - Analog Devices AD7841 Datasheet HTML 11Page - Analog Devices AD7841 Datasheet HTML 12Page - Analog Devices AD7841 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AD7841
–12–
GND
VDD
8/10-BIT
DAC
GND
VDD
8/10-BIT
DAC
LOGIC LEVEL
SHIFT
+5V
5V
SCLK
D IN
FSIN/CS
SCLK
D IN
FSIN/CS
0V TO +5V
0V TO
5V
VREF(+)AB
A0, A1, A2
VOUTA
VOUTA
VOUTB
VOUTB
VREF( )AB
AD7841*
GND
DATA BUS
ADDR
DECODER
ADDR BUS
SDATA
SCLK
DATA BUS
CONTROLLER
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 13. Programmable Reference Generation for the AD7841
The AD8803 has an output voltage range of GND to VDD (0 V
to 5 V). To trim the VREF(+) input, the appropriate trim range
on the AD8803 DAC can be set using the VREFL and VREFH pins
allowing 8 bits of resolution between the two points. This will
allow the VREF(+) pin to be adjusted to remove gain errors.
To trim the VREF(–) voltage, some method of providing a trim
voltage in the required negative voltage range is required. Neither
the AD7804 or the AD8803 can provide this range in normal
operation as their output range is 0 V to 5 V. There are two
methods of producing this negative voltage. One method is to
provide a positive output voltage and then to level shift that ana-
log voltage to the required negative range. Alternatively these
DACs can be operated with supplies of 0 V and –5 V, with the
VDD pin connected to 0 V and the GND pin connected to –5 V.
Now these can be used to provide the negative reference volt-
ages for the VREF(–) inputs on the AD7841. However, the digital
signals driving the DACs need to be level-shifted from the 0 V
to +5 V range to the –5 V to 0 V range. Figure 13 shows a
typical application circuit to provide programmable reference
capabilities for the AD7841.
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com