Electronic Components Datasheet Search
  English  ▼

X  

CD4030 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4030
Description  CMOS Quad Exclusive-OR Gate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4030 Datasheet(HTML) 1 Page - Intersil Corporation

  CD4030 Datasheet HTML 1Page - Intersil Corporation CD4030 Datasheet HTML 2Page - Intersil Corporation CD4030 Datasheet HTML 3Page - Intersil Corporation CD4030 Datasheet HTML 4Page - Intersil Corporation CD4030 Datasheet HTML 5Page - Intersil Corporation CD4030 Datasheet HTML 6Page - Intersil Corporation CD4030 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
7-317
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4030BMS
CMOS Quad Exclusive-OR Gate
Pinout
CD4030BMS
TOP VIEW
Functional Diagram
A
B
J = A
⊕ B
K = C
⊕ D
C
D
VSS
VDD
H
G
M = G
⊕ H
L = E
⊕ F
F
E
1
2
3
4
5
6
7
14
13
12
11
10
9
8
J = A
⊕ B
K = C
⊕ D
VSS = 7
VDD = 14
M = G
⊕ H
L = E
⊕ F
1
2
5
6
8
9
12
13
A
B
C
D
E
F
G
H
3
4
10
11
J
K
L
M
Features
• High Voltage Type (20V Rating)
• Medium-Speed Operation
- tPHL, tPLH = 65ns (typ) at VDD = 10V, CL = 50pF
• 100% Tested for Quiescent Current at 20V
• Standardized Symmetrical Output Characteristics
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current Of 1
µA at 18V Over Full
Package-Temperature Range;
- 100nA at 18V and +25oC
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Even and Odd-Parity Generators and Checkers
• Logical Comparators
• Adders/Subtractors
• General Logic Functions
Description
The CD4030BMS types consist of four independent Exclu-
sive-OR gates. The CD4030BMS provides the system
designer with a means for direct implementation of the
Exclusive-OR function.
The CD4030BMS is supplied in these 14-lead outline pack-
ages:
Braze Seal DIP
H4H
Frit Seal DIP
H1B
Ceramic Flatpack H3W
December 1992
File Number
3305


Similar Part No. - CD4030

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4030 TI-CD4030 Datasheet
497Kb / 11P
CMOS QUAD EXCLUSIVE-OR GATE
logo
Fairchild Semiconductor
CD4030 FAIRCHILD-CD4030 Datasheet
45Kb / 5P
Quad EXCLUSIVE-OR Gate
logo
Texas Instruments
CD4030A TI-CD4030A Datasheet
995Kb / 6P
CMOS Quad Excluslve-OR Gate
CD4030B TI-CD4030B Datasheet
497Kb / 11P
CMOS QUAD EXCLUSIVE-OR GATE
CD4030B TI1-CD4030B Datasheet
1Mb / 16P
CMOS Quad Exclusive - OR Gate
More results

Similar Description - CD4030

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
QUAD EXCLUSIVE-OR GATE
Nov-1996
logo
Texas Instruments
CD4030B TI-CD4030B Datasheet
497Kb / 11P
CMOS QUAD EXCLUSIVE-OR GATE
CD4070B TI-CD4070B Datasheet
68Kb / 8P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Texas Instruments
CD4070B TI1-CD4070B Datasheet
1Mb / 30P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4070BM96G4 TI-CD4070BM96G4 Datasheet
1Mb / 30P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Unisonic Technologies
UCD4070B UTC-UCD4070B Datasheet
213Kb / 5P
CMOS QUAD EXCLUSIVE-OR GATE
UCD4070B UTC-UCD4070B_15 Datasheet
224Kb / 5P
CMOS QUAD EXCLUSIVE-OR GATE
logo
Texas Instruments
CD4030B TI1-CD4030B_15 Datasheet
1Mb / 16P
CMOS Quad Exclusive - OR Gate
logo
Renesas Technology Corp
CD4030BMS RENESAS-CD4030BMS Datasheet
304Kb / 7P
CMOS Quad Exclusive-OR Gate
December 1992
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com