Electronic Components Datasheet Search
  English  ▼

X  

AD7849AR Datasheet(PDF) 13 Page - Analog Devices

Part # AD7849AR
Description  Serial Input, 14-Bit/16-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7849AR Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7849AR Datasheet HTML 9Page - Analog Devices AD7849AR Datasheet HTML 10Page - Analog Devices AD7849AR Datasheet HTML 11Page - Analog Devices AD7849AR Datasheet HTML 12Page - Analog Devices AD7849AR Datasheet HTML 13Page - Analog Devices AD7849AR Datasheet HTML 14Page - Analog Devices AD7849AR Datasheet HTML 15Page - Analog Devices AD7849AR Datasheet HTML 16Page - Analog Devices AD7849AR Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD7849
Rev. C | Page 13 of 20
t2
DB0 (N)
DB15
(N + 1)
DB0
(N + 1)
DB0 (N)
DB15 (N)
DB0 (N)
DB13 (N)
DB13
(N + 1)
DB0
(N + 1)
DB0 (N)
DB13 (N)
t6
SCLK
SYNC
BIN/COMP
SDIN
(AD7849B/C)
SDOUT
(AD7849B/C)
SDIN
(AD7849A)
SDOUT
(AD7849A)
LDAC, CLR
NOTES
1. DCEN IS TIED PERMANENTLY HIGH.
t7
DB15 (N)
t6
t1
t3
t4
t5
t4
t5
Figure 18. Timing Diagram (Daisy-Chain Mode)
Serial Data Loading Format (Daisy-Chain Mode)
By connecting DCEN high, daisy-chain mode is enabled. This
mode of operation is designed for multiDAC systems where
several AD7849s can be connected in cascade. In this mode, the
internal gating circuitry on SCLK is disabled, and a serial data
output facility is enabled. The internal gating signal is permanently
active (low) so that the SCLK signal is continuously applied to
the input shift register when SYNC is low. The data is clocked
into the register on each falling SCLK edge after SYNC goes low. If
more than 16 clock pulses are applied, the data ripples out of the
shift register and appears on the SDOUT line. By connecting this
line to the SDIN input on the next
in the chain, a
multiDAC interface can be constructed. Sixteen SCLK pulses
are required for each DAC in the system. Therefore, the total
number of clock cycles must equal 16 × N, where N is the total
number of devices in the chain. When the serial transfer to all
devices is complete,
AD7849
SYNC is taken high, which prevents any
further data from being clocked into the input register.
A continuous SCLK source can be used if SYNC is held low for
the correct number of clock cycles. Alternatively, a burst clock
containing the exact number of clock cycles can be used and
SYNC taken high some time later.
When the transfer to all input registers is complete, a common
LDAC signal updates all DAC latches with the data in each input
register. All analog outputs are therefore updated simultaneously,
5 μs after the falling edge of LDAC.
Clear Function (CLR)
The clear function bypasses the input shift register and loads
the DAC latch with all 0s. It is activated by taking CLR low. In
all ranges, except the offset binary bipolar range (–5 V to +5 V),
the output voltage is reset to 0 V. In the offset binary bipolar
range, the output is set to VREF–. This clear function is distinct and
separate from the automatic power-on reset feature of the device.
APPLYING THE AD7849
Power Supply Sequencing and Decoupling
In the AD7849, VCC should not exceed VDD by more than 0.4 V.
If this happens, then an internal diode is turned on, and it produces
latch-up in the device. Care should be taken to employ the
following power supply sequence: VDD, VSS, and then VCC. In
systems where it is possible to have an incorrect power sequence
(for example, if VCC is greater than 0.4 V while VDD is still 0 V),
the circuit shown in Figure 19 can be used to ensure that the
Absolute Maximum Ratings are not exceeded.
SD103C
1N5711
1N5712
1N4148
VDD
VCC
VCC
VDD
AD7849
Figure 19. Power Supply Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com