Electronic Components Datasheet Search
  English  ▼

X  

AD7849AR Datasheet(PDF) 17 Page - Analog Devices

Part # AD7849AR
Description  Serial Input, 14-Bit/16-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7849AR Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7849AR Datasheet HTML 12Page - Analog Devices AD7849AR Datasheet HTML 13Page - Analog Devices AD7849AR Datasheet HTML 14Page - Analog Devices AD7849AR Datasheet HTML 15Page - Analog Devices AD7849AR Datasheet HTML 16Page - Analog Devices AD7849AR Datasheet HTML 17Page - Analog Devices AD7849AR Datasheet HTML 18Page - Analog Devices AD7849AR Datasheet HTML 19Page - Analog Devices AD7849AR Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD7849
Rev. C | Page 17 of 20
APPLICATIONS INFORMATION
OPTO-ISOLATED INTERFACE
In many process control applications, it is necessary to provide
an isolation barrier between the controller and the unit being
controlled. Opto-isolators can provide voltage isolation in
excess of 3 kV. The serial loading structure of the AD7849
makes it ideal for opto-isolated interfaces because the number
of interface lines is kept to a minimum.
Figure 28 shows a 4-channel isolated interface using the AD7849.
The DCEN pin must be connected high to enable the daisy-chain
facility. Four channels with 14-bit or 16-bit resolution are provided
in the circuit shown, but this can be expanded to accommodate
any number of DAC channels without any extra isolation circuitry.
The only limitation is the output update rate. For example, if an
output update rate of 10 kHz is required, then all DACs must be
loaded and updated in 100 μs. Operating at the maximum clock
rate of 5 MHz means that it takes 3.2 μs to load a DAC. This means
that the total number of channels for this update rate is 31, which
leaves 800 ns for the LDAC pulse. Of course, as the update rate
requirement decreases, the number of possible channels increases.
The sequence of events to program the output channels in
Figure 28 is as follows:
1.
Take the SYNC line low.
2.
Transmit the data as four 16-bit words. A total of 64 clock
pulses is required to clock the data through the chain.
3.
Take the SYNC line high.
4.
Pulse the LDAC line low. This updates all output channels
simultaneously on the falling edge of LDAC.
To reduce the number of optocouplers, the LDAC line can be
driven from one shot that is triggered by the rising edge on the
SYNC line. A low level pulse of 100 ns duration or greater is all
that is required to update the outputs.
VDD
VDD
VDD
VDD
DATA OUT
CLOCK OUT
SYNC OUT
CONTROL OUT
CONTROLLER
VOUTA
VOUTB
VOUTC
VOUTD
5V
QUAD OPTO-COUPLER
*ADDITIONAL PINS OMITTED FOR CLARITY.
LDAC
SDIN
VOUT
DCEN
SDOUT
AD7849*
5V
LDAC
SDIN
VOUT
DCEN
SDOUT
AD7849*
5V
LDAC
SDIN
VOUT
DCEN
SDOUT
AD7849*
5V
SCLK
SYNC
LDAC
SDIN
VOUT
DCEN
SDOUT
AD7849*
SCLK
SYNC
SCLK
SYNC
SCLK
SYNC
Figure 28. 4-Channel Opto-Isolated Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com