Electronic Components Datasheet Search
  English  ▼

X  

CD4046BMS Datasheet(PDF) 9 Page - Intersil Corporation

Part # CD4046BMS
Description  CMOS Micropower Phase Locked Loop
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4046BMS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CD4046BMS Datasheet HTML 3Page - Intersil Corporation CD4046BMS Datasheet HTML 4Page - Intersil Corporation CD4046BMS Datasheet HTML 5Page - Intersil Corporation CD4046BMS Datasheet HTML 6Page - Intersil Corporation CD4046BMS Datasheet HTML 7Page - Intersil Corporation CD4046BMS Datasheet HTML 8Page - Intersil Corporation CD4046BMS Datasheet HTML 9Page - Intersil Corporation CD4046BMS Datasheet HTML 10Page - Intersil Corporation CD4046BMS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
894
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
CD4046BMS
FIGURE 6. TYPICAL FREQUENCY OFFSET AS A FUNCTION
OF C1 AND R2 FOR VDD = 5V, 10V, AND 15V
FIGURE 7. FREQUENCY OFFSET AS A FUNCTION OF C1 AND
R2 FOR AMBIENT TEMPERATURES OF -55oC to
125oC
FIGURE 8. TYPICAL fMAX/fMIN AS A FUNCTION OF R2/R1
FIGURE 9. TYPICAL VCO POWER DISSIPATION AT CENTER
FREQUENCY AS A FUNCTION OF R1
Typical Performance Characteristics (Continued)
105
103
10
1
106
102
104
VCO TIMING CAPACITOR (CI) (
µF)
10-5
10-4
10-2
110
10-3
10-1
SUPPLY VOLTAGE
(VDD) = 15V
R2 = 1M
Ω
R2 = 100k
Ω
AMBIENT TEMPERATURE (TA) = +25
oC
VCOIN = VSS INHIBIT = VSS
10V
5V
15V
10V
5V
15V
10V
5V
TYPICAL fMIN UNIT-TO-UNIT VARIATION
VDD (V)
∆fMIN/fMIN (%)
5
±25
10
±20
15
±25
R2 = 10k
Ω
10-5
10-4
10-3
10-2
10-1
110
VCO TIMING CAPACITOR (CI) (
µF)
SUPPLY VOLTAGE (VDD) = 10V
VCOIN = VSS INHIBIT = VSS
AMBIENT TEMPERATURE
R2 = 100k
Ω
+125oC
-55oC
R2 = 10k
Ω
R2 = 1M
Ω
1
10
102
103
104
105
106
+125oC
-55oC
+125oC
(TA) = -55
oC
TYPICAL fMAX/fMIN UNIT-TO-UNIT VARIATION
VDD (V)
fMAX/fMIN (%)
5
±12
10
±8
15
±12
AMBIENT TEMPERATURE (TA) = +25oC
fMAX WHEN VCOIN = VDD INHIBIT = VSS
fMIN WHEN VCOIN = VSS
8
6
4
28
6
4
22
R2/R1
0.01
0.1
1
10
100
8
6
4
28
6
4
8
6
4
2
100
10
1
SUPPLY VOLTAGE (VDD) = 5V, 10V
8
6
4
2
8
6
4
2
15V
8
6
4
2
R1 (k
Ω)
10
102
103
104
103
102
10
AMBIENT TEMPERATURE (TA) = +25
oC
VCOIN = VDD/2, R2 =
∞
INHIBIT = VSS
CL = 50pF
8
6
4
28
6
4
2
104
105
SUPPLY VOLTAGE (VDD) = 15V
1
µF
10V
50pF
1
µF
CL = 50pF
1
µF
50pF
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com