Electronic Components Datasheet Search
  English  ▼

X  

FN660-3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FN660-3
Description  Two-stage general performance EMI filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN660-3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FN660-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN660-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN660-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN660-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
> Components > FN 660
Filter
Rated current Leakage current*
Inductance Capacitance Resistance
Input/Output
Weight
@ 40°C (25°C)
@ 230VAC/50Hz
L
L1
Cx
Cy
R
connections -03
-06
-07
-10
[A]
[µA] [mH]
[mH]
[nF]
[nF]
[kΩ]
[g]
[g]
[g]
[g]
Filter selection table
FN 660-1-..
1 (1.15)
190
3
3
150
2.2
1000
-06
-07
115 125
FN 660-3-..
3 (3.4)
190
2
2
150
2.2
1000
-06
-07
170 180
FN 660-6-..
6 (6.9)
190
0.75
0.75
150
2.2
1000
-06
-07
170 180
FN 660-10-..
10 (11.5)
190
0.45
0.45
150
2.2
1000
-06
-07
230 240
FN 660-16-..
16 (18.4)
190
0.44
0.44
150
2.2
1000
-03
-06
-10 290 260
290
FN 660-20-..
20 (23)
190
0.48
0.48
150
2.2
1000
-03
-06
-10 600 590
640
FN 660B-1-..
1 (1.15)
2
3
3
150
1000
-06
-07
115 125
FN 660B-3-..
3 (3.4)
2
2
2
150
1000
-06
-07
170 180
FN 660B-6-..
6 (6.9)
2
0.75
0.75
150
1000
-06
-07
170 180
FN 660B-10-..
10 (11.5)
2
0.45
0.45
150
1000
-06
-07
230 240
FN 660B-16-..
16 (18.4)
2
0.44
0.44
150
1000
-03
-06
-10 290 260
290
FN 660B-20-..
20 (23)
2
0.48
0.48
150
1000
-03
-06
-10 600 590
640
*
Maximum leakage under normal operating conditions. Note: if the neutral line is interrupted, worst case leakage could reach twice this level.
Per CISPR 17; A = 50Ω/50Ω sym; B = 50Ω/50Ω asym; C = 0.1Ω/100Ω sym; D = 100Ω/0.1Ω sym
Typical filter attenuation
1 and 3A types
6 and 10A types
16 and 20A types



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com