Electronic Components Datasheet Search
  English  ▼

X  

FN660-3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FN660-3
Description  Two-stage general performance EMI filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN660-3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FN660-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN660-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN660-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN660-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
> Components > FN 660
Your local partner: To find your local partner within Schaffner’s global network, please go to www.schaffner.com
July 2007
1A
3A
6A
10A
16A
20A
Tolerances
All dimensions in mm; 1 inch = 25.4mm
Tolerances according: ISO 2768 / EN 22768
Dimensions
A
71
85
85
85
85
105
±0.5
B
46.6 ±1
54
54
54
54
126 ±1
±0.5
C
29.3
30.3
30.3
40.3
40.3
38
±1
D
50.5
64.8
64.8
64.8
64.8
84.5
±1
E
44.5
49.8
49.8
49.8
49.8
98.5
±1
F
61
75
75
75
75
95
±0.2
G
21
27
27
27
27
40
±0.5
H
10.8
12.3
12.3
12.3
12.6
19
±0.5
I
19.3
20.8
20.8
29.8
29.8
9.5
±0.5
J
20.3
27.5
27.5
11.4
11.4
42.25
±0.5
K
5.3
5.3
5.3
5.3
5.3
4.4
L
6.3
6.3
6.3
6.3
6.3
6
M
0.7
0.7
0.7
0.7
0.7
N
6.3 x 0.8
6.3 x 0.8
6.3 x 0.8
6.3 x 0.8
6.3 x 0.8
6.3 x 0.8
Q
51
±0.1
Connection style -03
N
M4
M4
Connection style -07
AWG type wire
AWG 20
AWG 18
AWG 16
AWG 14
Wire length
140
140
140
140
+5
Connection style -10
N
UNC 8-32
UNC 8-32



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com