Electronic Components Datasheet Search
  English  ▼

X  

CD4049UBMS Datasheet(PDF) 7 Page - Intersil Corporation

Part # CD4049UBMS
Description  CMOS Hex Buffer/Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4049UBMS Datasheet(HTML) 7 Page - Intersil Corporation

  CD4049UBMS Datasheet HTML 1Page - Intersil Corporation CD4049UBMS Datasheet HTML 2Page - Intersil Corporation CD4049UBMS Datasheet HTML 3Page - Intersil Corporation CD4049UBMS Datasheet HTML 4Page - Intersil Corporation CD4049UBMS Datasheet HTML 5Page - Intersil Corporation CD4049UBMS Datasheet HTML 6Page - Intersil Corporation CD4049UBMS Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Chip Dimensions and Pad Layout
Dimensions in parenthesis are in millimeters and are derived
from the basic inch dimensions as indicated. Grid
graduations are in mils (10-3 inch).
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches
FIGURE 8. TYPICAL POWER DISSIPATION vs FREQUENCY
CHARACTERISTICS
FIGURE 9. TYPICAL POWER DISSIPATION vs INPUT RISE
AND FALL TIMES PER INVERTER
Typical Performance Characteristics (Continued)
5V
10V
8
6
4
28
6
4
22
INPUT FREQUENCY (f) (kHz)
102
103
104
105
8
6
4
28
6
4
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
104
103
102
10
105
SUPPLY VOLTAGE
(VDD) = 15V
AMBIENT TEMPERATURE (TA)
= +25oC
10
CL = 15pF (11pF FIXTURE + 4pF EXT
LOAD CAPACITANCE (CL) = 50pF
10V
(11pF FIXTURE + 39pF EXT)
INPUT RISE AND FALL TIME (tr, tf) (ns)
102
103
104
105
103
102
10
1
104
10
105
106
106
107
108
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VCC) = 5V
FREQUENCY (f) = 10KHz
15V; 1KHz
15V; 100KHz
15V; 1MHz
10V; 100KHz
15V; 10KHz
10V; 10KHz
CD4049UBMS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com